Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8541EEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8541EEE
Description  Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8541EEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8541EEE Datasheet HTML 3Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 4Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 5Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 6Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 7Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 8Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 9Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 10Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Synchronizable, High-Frequency Current- and
Voltage-Mode PWM Controllers for Isolated Supplies
_______________________________________________________________________________________
7
FREQUENCY
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
15.9
13.8
11.8
9.7
200
400
600
800
1000
0
7.6
18.0
RFREQ = 10k
Ω
RFREQ = 20k
Ω
RFREQ = 50k
Ω
SKTON/SKTOFF TIME
vs. CAPACITANCE
CAPACITANCE (
µF)
0.8
0.2
0.4
0.6
200
400
600
800
1000
0
0
1.0
PROGRAMABLE LATCH-OFF DELAY
MAX8540 toc12
4ms/div
VDRV
VCS
2V/div
CSKTON = 0.01
µF
REFERENCE VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
10
8
6
4
2
4.92
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.08
5.10
4.90
012
REFERENCE VOLTAGE vs. VCC
VCC (V)
15.9
13.8
11.8
9.7
4.96
4.98
5.00
5.02
5.04
5.06
4.94
7.6
18.0
Typical Operating Characteristics (continued)
(VCC = 12V, TA = +25°C, unless otherwise specified.)
LATCH-OFF OVERCURRENT WAVEFORMS
MAX8540 toc15
10ms/div
VDRV
VSKTON
VSKTOFF
5V
1V/div
CSKTON = 0.01
µF
HICCUP-MODE OVERCURRENT WAVEFORMS
MAX8540 toc16
4ms/div
VDRV
VSKTON
VSKTOFF
1V/div
1V/div
CSKTON , CSKTFOF = 0.01
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com