Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8541EEE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX8541EEE
Description  Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8541EEE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX8541EEE Datasheet HTML 6Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 7Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 8Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 9Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 10Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 11Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 12Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 13Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
The MAX8540/MAX8541 also synchronize with an
external oscillator. Drive FREQ/SYNC with a square
wave through a series diode with a positive pulse width
of at least 200ns and a minimum pulse amplitude of 3V,
plus the VF of the external diode. Alternatively, a 1.5V
level-shifted external clock can be applied without the
series diode. The maximum duty cycle of the external
signal allowed is 55%. The MAX8540/MAX8541 syn-
chronize to frequencies between 200kHz and 1MHz;
however, the signal must be within
±30% of the fre-
quency set by the external resistor at FREQ/SYNC.
Maximum Duty Cycle
Set the maximum duty cycle at the minimum system
input voltage (VIN(MIN)) connecting a resistor from
MAXDTY to GND. The maximum duty cycle is inversely
proportional to the voltage at UV. As the voltage on UV
increases, the duty cycle decreases. The maximum
duty cycle is internally limited to 80% at all switching
frequencies. The MAXDTY resistor is determined as:
where DMAX is the desired maximum duty cycle.
The range of valid resistor values for RMAXDTY is from
24.3k
Ω to 130kΩ.
N-Channel MOSFET Driver
The DRV output drives an N-channel MOSFET in low-
power applications. In high-power applications, the gate
driver internal to the MAX8540/MAX8541 may not be
capable of driving the external MOSFET efficiently and
an external gate driver may be required. In this situation,
connect DRV to the input of the external gate driver.
Slope Compensation (MAX8540)
The MAX8540 is a current-mode device and requires
slope compensation for proper operation. To provide
slope compensation, connect a resistor from SCOMP to
GND (RSCOMP). The value of RSCOMP is determined as
follows.
For applications using a synchronous rectifier in the
output, set the slope compensation equal to the nega-
tive slope of the output inductor. RSCOMP is equal to:
where dVRAMP/dt = 2.5V(fS), RSUM = 25k
Ω, N is the
turns ratio of the primary to secondary, L1 is the output
inductance, VOUT is the output voltage, fS is the switch-
ing frequency, and RCS is the current-sense resistance.
For applications where a diode is used in the output
instead of the synchronous rectifier, the slope compen-
sation resistor is then equal to:
where dVRAMP/dt = 2.5V(fS),RSUM = 25k
Ω, N is the turns
ratio of the primary to secondary, L1 is the output induc-
tance, VOUT is the output voltage, VF is the diode voltage,
fS is the switching frequency, and RCS is the current-
sense resistance.
Voltage-Ramp Amplitude (MAX8541)
The MAX8541 is a voltage-mode device and features
adjustable voltage ramp. Connect a resistor from
PRAMP to GND (RPRAMP) to set the voltage-ramp
magnitude, VM.
VV
k
R
M
PRAMP
= 125
25
.
Ω
R
dV
dt
R
SCF
SCOMP
RAMP
SUM
=×
2
SCF
N
VV
L
R
OUT
F
CS
=
+
1
R
dV
dt
R
SCF
SCOMP
RAMP
SUM
=×
2
SCF
N
V
L
R
OUT
CS
=
1
R
D
MAXDTY
MAX
=
××
(.
)
97 6
10
60
3
Synchronizable, High-Frequency Current- and
Voltage-Mode PWM Controllers for Isolated Supplies
10
______________________________________________________________________________________
C1
C2
C3
RA
RB
RC
VIN
36V TO 76V
MAX8541
OV
UV
Figure 1. A Method to Set UV and OV Thresholds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com