Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8541EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8541EEE
Description  Synchronizable, High-Frequency Current- and Voltage-Mode PWM Controllers for Isolated Supplies
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8541EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8541EEE Datasheet HTML 1Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 2Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 3Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 4Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 5Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 6Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 7Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 8Page - Maxim Integrated Products MAX8541EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Synchronizable, High-Frequency Current- and
Voltage-Mode PWM Controllers for Isolated Supplies
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VVCC = 12V, CREF = 1µF, VUV = VOV = VOPTO, VILIM = 2V, RFREQ/SYNC = 32.4k
Ω, CSS = 0.1µF, RMAXDTY = 97.6kΩ, VEN = 0,
RSCOMP = 68k
Ω, RPRAMP = 25kΩ, CSKTON = 0.01µF, CSKTOFF = 0.1µF, VCS = 0.6V, CDRV = 10pF, TA = 0°C to +85°C, unless otherwise
noted. Typical values are at TA = +25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ILIM Leakage Current
-1
+1
µA
Hiccup Skip Off-Time
CSKTOFF = 0.1µF (Note 3)
90
ms
Hiccup Skip Off-Charging
0.9
1.5
2.1
µA
Hiccup Skip On-Time
CSKTON = 0.01µF (Note 3)
9
ms
Hiccup Skip On-Charging
Current
1.5
2.5
3.5
µA
Hiccup SKTOFF Voltage
Threshold
2.3
2.5
2.7
V
OPTO
Input Bias Current
VOPTO = 3.5V
30
µA
Minimum Input Voltage
Minimum voltage for duty-cycle control
0.6
V
Maximum Input Voltage
Maximum voltage for duty-cycle control
2.6
V
DUTY CYCLE
RMAXDTY = 24.3k
Ω, VUV = 1.3V
15
RMAXDTY = 130k
Ω, VUV = 1.3V
80
VUV = 1.3V, RMAXDTY = 97.6k
Ω
60
Maximum Duty Cycle
Internally programmed limit for maximum duty cycle at
all frequencies
79
80
82
%
SOFT-START
Source Current
VSS = 1V
4.5
5.5
6.5
µA
Pulldown Resistance in Shutdown ISS = 10mA, V EN = 3V
10
30
Ω
Time
440
ms/µF
FREQUENCY
Initial Accuracy
RFREQ = 32.4k
Ω
280
300
320
kHz
RFREQ = 48.7k
Ω
200
Switching Frequency Range
RFREQ = 8.87k
Ω
1000
kHz
SCOMP (MAX8540)
RSCOMP = 14k
Ω
1.5
Slope Compensation
RSCOMP = 204k
Ω
0.1
V
PRAMP (MAX8541)
RPRAMP = 12.4k
Ω
2.5
RPRAMP = 21k
Ω
1
Ramp Voltage Amplitude
RPRAMP = 42k
Ω
0.5
V
DRV (MOSFET DRIVER)
CDRV = 500pF, 10% to 90% of VVCC
30
Rise Time
CDRV = 2000pF, 10% to 90% of VVCC
57
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com