Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP500SQL28T1 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP500SQL28T1
Description  150 mA CMOS Low Noise Low-Dropout Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP500SQL28T1 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP500SQL28T1 Datasheet HTML 6Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 7Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 8Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 9Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 10Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 11Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 12Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 13Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
NCP500
http://onsemi.com
10
150
125
100
75
50
25
0
175
200
225
40
20
0
60
80
100
600
400
200
0
800
1000
400
300
200
100
0
500
600
150
125
100
75
50
25
0
175
200
225
Input Voltage (V)
Input Voltage (V)
Figure 14. Ground Pin Current vs. Input Voltage
Figure 15. Ground Pin Current vs. Input Voltage
Figure 16. Current Limit vs. Input Voltage
Input Voltage (V)
Figure 17. Ripple Rejection vs. Frequency
f, Frequency (kHz)
10 mA
Figure 18. Output Noise Density
f, Frequency (kHz)
Figure 19. Line Transient Response
Time (
ms)
Vout(nom.) = 1.8 V
Iout = 50 mA
TA = 25°C
0
4.0
5.0
3.0
2.0
6.0
1.0
0
4.0
5.0
3.0
2.0
6.0
1.0
0
4.0
5.0
3.0
2.0
6.0
1.0
100
10
0.1
1.0
0.01
100
1000
10
1.0
0.1
100
0
−50
60
40
020
150
3.0
5.0
100
80
120
140
160
4.0
200
50
Vout = 1.8 V
Vin = 2.8 V
Iout = 1 mA
Cout = 1 mF
Vout(nom.) = 3.3 V
Iout = 50 mA
TA = 25°C
60 mA
10 mA
Vout = 1.8 V
Vin = 2.8 VDC + 0.5 Vp−p
Cout = 1 mF
Vin = 3.8 V to 4.8 V
Vout = 3.3 V
Cout = 1.0 mF
Iout = 1.0 mA
Vout(nom.) = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com