Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP500SQL28T1 Datasheet(PDF) 19 Page - ON Semiconductor

Part # NCP500SQL28T1
Description  150 mA CMOS Low Noise Low-Dropout Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP500SQL28T1 Datasheet(HTML) 19 Page - ON Semiconductor

Back Button NCP500SQL28T1 Datasheet HTML 12Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 13Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 14Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 15Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 16Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 17Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 18Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 19Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 20Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
NCP500
http://onsemi.com
19
PACKAGE DIMENSIONS
QFN 2x2.2
SQL SUFFIX
PLASTIC PACKAGE
CASE 488−03
ISSUE C
B
G
L
PIN 1
U
A
C
SIDE VIEW
TOP VIEW
BOTTOM VIEW
J
H
D
S
DIM
A
MIN
MAX
MIN
MAX
INCHES
2.18
2.23
0.086
0.088
MILLIMETERS
B
1.98
2.03
0.078
0.080
C
0.88
0.93
0.035
0.037
D
0.23
0.28
0.009
0.011
G
0.650 BSC
0.026 BSC
H
0.35
0.40
0.014
0.016
J
0.05
0.10
0.002
0.004
L
1.28
1.33
0.050
0.052
S
0.33
0.38
0.013
0.015
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. 488−01 OBSOLETE. NEW STANDARD IS 488−02.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com