Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP500SQL28T1 Datasheet(PDF) 13 Page - ON Semiconductor

Part # NCP500SQL28T1
Description  150 mA CMOS Low Noise Low-Dropout Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP500SQL28T1 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NCP500SQL28T1 Datasheet HTML 9Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 10Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 11Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 12Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 13Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 14Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 15Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 16Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
NCP500
http://onsemi.com
13
DEFINITIONS
Load Regulation
The change in output voltage for a change in output load
current at a constant temperature.
Dropout Voltage
The input/output differential at which the regulator output
no longer maintains regulation against further reductions in
input voltage. Measured when the output drops 2% below its
nominal. The junction temperature, load current, and
minimum input supply requirements affect the dropout level.
Output Noise Voltage
This is the integrated value of the output noise over a
specified frequency range. Input voltage and output load
current are kept constant during the measurement. Results
are expressed in
mVRMS or nV Hz.
Quiescent Current
The current which flows through the ground pin when the
regulator operates without a load on its output: internal IC
operation, bias, etc. When the LDO becomes loaded, this
term is called the Ground current. It is actually the difference
between the input current (measured through the LDO input
pin) and the output current.
Line Regulation
The change in output voltage for a change in input voltage.
The measurement is made under conditions of low
dissipation or by using pulse technique such that the average
chip temperature is not significantly affected.
Line Transient Response
Typical over and undershoot response when input voltage
is excited with a given slope.
Thermal Protection
Internal thermal shutdown circuitry is provided to protect
the integrated circuit in the event that the maximum junction
temperature is exceeded. When activated at typically 160
°C,
the regulator turns off. This feature is provided to prevent
failures from accidental overheating.
Maximum Package Power Dissipation
The power dissipation level at which the junction
temperature reaches its maximum operating value, i.e.
125
°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com