Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP500SQL28T1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP500SQL28T1
Description  150 mA CMOS Low Noise Low-Dropout Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP500SQL28T1 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP500SQL28T1 Datasheet HTML 1Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 2Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 3Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 4Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 5Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 6Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 7Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 8Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
NCP500
http://onsemi.com
2
PIN FUNCTION DESCRIPTION
TSOP−5
Pin No.
QFN 2x2
Pin No.
Pin Name
Description
1
3
Vin
Positive power supply input voltage.
2
2, 5
GND
Power supply ground.
3
1
Enable
This input is used to place the device into low−power standby. When this input is pulled to a logic
low, the device is disabled. If this function is not used, Enable should be connected to Vin.
4
6
N/C
No internal connection.
5
4
Vout
Regulated output voltage.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage
Vin
0 to 6.0
V
Enable Voltage
Von/off
−0.3 to Vin +0.3
V
Output Voltage
Vout
−0.3 to Vin +0.3
V
Output Short Circuit Duration
−
Infinite
−
Thermal Resistance, Junction−to−Ambient
TSOP−5
QFN (Note 3)
RqJA
250
225
°C/W
Operating Junction Temperature
TJ
+125
°C
Storage Temperature
Tstg
−65 to +150
°C
1. This device series contains ESD protection and exceeds the following tests:
Human Body Model 2000 V per MIL−STD−883, Method 3015
Machine Model Method 200 V
Latch up capability (85
°C) "100 mA.
2. Device is internally limited to 160
°C by thermal shutdown.
3. For more information, refer to application note, AND8080/D.
ELECTRICAL CHARACTERISTICS (Vin = 2.35 V, Cin = 1.0 mF, Cout = 1.0 mF, for typical value TA = 25°C, for min and
max values TA = −40°C to 85°C, Tjmax = 125°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
−1.8 V
Output Voltage (TA = −40°C to 85°C, Iout = 1.0 mA to 150 mA)
Vout
1.755
1.8
1.845
V
Line Regulation (Vin = 2.3 V to 6.0 V, Iout = 1.0 mA)
Regline
−
1.0
10
mV
Load Regulation (Iout = 1.0 mA to 150 mA)
Regload
−
15
45
mV
Dropout Voltage (Measured at Vout −2.0%, TA = −40°C to 85°C)
(Iout = 1.0 mA)
(Iout = 75 mA)
(Iout = 150 mA)
Vin−Vout
−
−
−
2.0
140
270
10
200
350
mV
Output Short Circuit Current
Iout(max)
200
540
700
mA
Ripple Rejection
(Vin = Vout (nom.) + 1.0 V + 0.5 Vpp, f = 1.0 kHz, Io = 60 mA)
RR
−
62
−
dB
Quiescent Current
(Enable Input = 0 V)
(Enable Input = 0.9 V, Iout = 1.0 mA)
(Enable Input = 0.9 V, Iout = 150 mA)
IQ
−
−
−
0.01
175
175
1.0
300
300
mA
Enable Input Threshold Voltage
(Voltage Increasing, Output Turns On, Logic High)
(Voltage Decreasing, Output Turns Off, Logic Low)
Vth(EN)
0.9
−
−
−
−
0.15
V
Enable Input Bias Current
IIB(EN)
−
3.0
100
nA
Output Turn On Time (Enable Input = 0 V to Vin)
−
−
20
100
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com