Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP500SQL28T1 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP500SQL28T1
Description  150 mA CMOS Low Noise Low-Dropout Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP500SQL28T1 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP500SQL28T1 Datasheet HTML 7Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 8Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 9Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 10Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 11Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 12Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 13Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 14Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
NCP500
http://onsemi.com
11
75
0
200
100
0
150
225
−100
−200
−300
3.0
200
150
100
50
4.0
5.0
0
−50
75
0
50
25
150
225
0
−25
−50
Time (
ms)
Time (
ms)
Figure 20. Line Transient Response
Figure 21. Load Transient Response
Figure 22. Load Transient Response
Time (
ms)
Figure 23. Turn−off Response
Time (ms)
0
80
100
60
40
120
20
140
160
0
40
50
30
20
60
10
040
50
30
20
60
10
70
80
90
1.0
0
4.0
3.0
040
20
60
2.0
3.0
2.0
1.0
0
120
80
100
Cout = 1.0 mF
Cout = 10 mF
Vin = 3.8 V to 4.8 V
Vout = 3.3 V
Cout = 1.0 mF
Iout = 10 mA
Vin = 3.8 V
Vout = 3.3 V
Cout = 1.0 mF
Cin = 1 mF
Vin = 3.8 V
Vout = 3.3 V
Cout = 10 mF
Cin = 1 mF
Vin = 3.8 V
Vout = 3.3 V
TA = 25°C
RL = 3.3 kW
Cin = 1 mF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com