Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP500SQL28T1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP500SQL28T1
Description  150 mA CMOS Low Noise Low-Dropout Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP500SQL28T1 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP500SQL28T1 Datasheet HTML 1Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 2Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 3Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 4Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 5Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 6Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 7Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 8Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
NCP500
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (Vin = 3.1 V, Cin = 1.0 mF, Cout = 1.0 mF, for typical value TA = 25°C, for min and max
values TA = −40°C to 85°C, Tjmax = 125°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
−2.6 V
Output Voltage
(TA =−40°C to 85°C, Iout = 1.0 mA to 150 mA)
Vout
2.535
2.6
2.665
V
Line Regulation (Vin = 3.0 V to 6.0 V, Iout = 1.0 mA)
Regline
−
1.0
10
mV
Load Regulation (Iout = 1.0 mA to 150 mA)
Regload
−
15
45
mV
Dropout Voltage (Measured at Vout −2.0%, TA = −40°C to 85°C)
(Iout = 1.0 mA)
(Iout = 75 mA)
(Iout = 150 mA)
Vin−Vout
−
−
−
2.0
−
−
10
−
−
mV
Output Short Circuit Current
Iout(max)
200
540
700
mA
Ripple Rejection
(Vin = Vout (nom.) + 1.0 V + 0.5 Vpp, f = 1.0 kHz, Io = 60 mA)
RR
−
62
−
dB
Quiescent Current
(Enable Input = 0 V)
(Enable Input = 0.9 V, Iout = 1.0 mA)
(Enable Input = 0.9 V, Iout = 150 mA)
IQ
−
−
−
0.01
180
180
1.0
300
300
mA
Enable Input Threshold Voltage
(Voltage Increasing, Output Turns On, Logic High)
(Voltage Decreasing, Output Turns Off, Logic Low)
Vth(EN)
0.9
−
−
−
−
0.15
V
Enable Input Bias Current
IIB(EN)
−
3.0
100
nA
Output Turn On Time (Enable Input = 0 V to Vin)
−
−
20
100
ms
ELECTRICAL CHARACTERISTICS (Vin = 3.2 V, Cin = 1.0 mF, Cout = 1.0 mF, for typical value TA = 25°C, for min and max
values TA = −40°C to 85°C, Tjmax = 125°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
−2.7 V
Output Voltage
(TA =−40°C to 85°C, Iout = 1.0 mA to 150 mA)
Vout
2.633
2.7
2.768
V
Line Regulation (Vin = 3.2 V to 6.0 V, Iout = 1.0 mA)
Regline
−
1.0
10
mV
Load Regulation (Iout = 1.0 mA to 150 mA)
Regload
−
15
45
mV
Dropout Voltage (Measured at Vout −2.0%, TA = −40°C to 85°C)
(Iout = 1.0 mA)
(Iout = 75 mA)
(Iout = 150 mA)
Vin−Vout
−
−
−
2.0
90
180
10
160
260
mV
Output Short Circuit Current
Iout(max)
200
540
700
mA
Ripple Rejection
(Vin = Vout (nom.) + 1.0 V + 0.5 Vpp, f = 1.0 kHz, Io = 60 mA)
RR
−
62
−
dB
Quiescent Current
(Enable Input = 0 V)
(Enable Input = 0.9 V, Iout = 1.0 mA)
(Enable Input = 0.9 V, Iout = 150 mA)
IQ
−
−
−
0.01
185
185
1.0
300
300
mA
Enable Input Threshold Voltage
(Voltage Increasing, Output Turns On, Logic High)
(Voltage Decreasing, Output Turns Off, Logic Low)
Vth(EN)
0.9
−
−
−
−
0.15
V
Enable Input Bias Current
IIB(EN)
−
3.0
100
nA
Output Turn On Time (Enable Input = 0 V to Vin)
−
−
20
100
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com