Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP500SQL28T1 Datasheet(PDF) 14 Page - ON Semiconductor

Part # NCP500SQL28T1
Description  150 mA CMOS Low Noise Low-Dropout Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP500SQL28T1 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button NCP500SQL28T1 Datasheet HTML 10Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 11Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 12Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 13Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 14Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 15Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 16Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 17Page - ON Semiconductor NCP500SQL28T1 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
NCP500
http://onsemi.com
14
APPLICATIONS INFORMATION
The NCP500 series regulators are protected with internal
thermal shutdown and internal current limit. A typical
application circuit is shown in Figure 27.
Input Decoupling (C1)
A 1.0
mF capacitor either ceramic or tantalum is
recommended and should be connected close to the NCP500
package. Higher values and lower ESR will improve the
overall line transient response.
Output Decoupling (C2)
The NCP500 is a stable component and does not require
a minimum Equivalent Series Resistance (ESR) or a
minimum output current. The minimum decoupling value is
1.0
mF and can be augmented to fulfill stringent load
transient requirements. The regulator accepts ceramic chip
capacitors as well as tantalum devices. Larger values
improve noise rejection and load regulation transient
response. Figure 29 shows the stability region for a range of
operating conditions and ESR values.
Noise Decoupling
The NCP500 is a low noise regulator without the need of
an external bypass capacitor. It typically reaches a noise level
of 50
mVRMS overall noise between 10 Hz and 100 kHz. The
classical bypass capacitor impacts the start up phase of
standard LDOs. However, thanks to its low noise
architecture, the NCP500 operates without a bypass element
and thus offers a typical 20
ms start up phase.
Enable Operation
The enable pin will turn on or off the regulator. These
limits of threshold are covered in the electrical specification
section of this data sheet. The turn−on/turn−off transient
voltage being supplied to the enable pin should exceed a
slew rate of 10 mV/
ms to ensure correct operation. If the
enable is not to be used then the pin should be connected
to Vin.
Thermal
As power across the NCP500 increases, it might become
necessary to provide some thermal relief. The maximum
power dissipation supported by the device is dependent
upon board design and layout. Mounting pad configuration
on the PCB, the board material, and the ambient temperature
effect the rate of junction temperature rise for the part. This
is stating that when the NCP500 has good thermal
conductivity through the PCB, the junction temperature will
be relatively low with high power dissipation applications.
The maximum dissipation the package can handle is
given by:
PD
+
TJ(max) *TA
R
qJA
If TJ is not recommended to exceed 125°C, then the
NCP500 can dissipate up to 400 mW @ 25
°C.
The power dissipated by the NCP500 can be calculated
from the following equation:
Ptot + [Vin *Ignd (Iout)] ) [Vin * Vout] *Iout
or
VinMAX +
Ptot ) Vout * Iout
Ignd ) Iout
If a 150 mA output current is needed the ground current
is extracted from the data sheet curves: 200
mA @ 150 mA.
For a NCP500SN18T1 (1.8 V), the maximum input voltage
will then be 4.4 V, good for a 1 Cell Li−ion battery.
Hints
Please be sure the Vin and GND lines are sufficiently wide.
When the impedance of these lines is high, there is a chance
to pick up noise or cause the regulator to malfunction.
Set external components, especially the output capacitor,
as close as possible to the circuit, and make leads as short
as possible.
Package Placement
QFN packages can be placed using standard pick and
place equipment with an accuracy of
"0.05 mm.
Component pick and place systems are composed of a vision
system that recognizes and positions the component and a
mechanical system which physically performs the pick and
place operation. Two commonly used types of vision
systems are: (1) a vision system that locates a package
silhouette and (2) a vision system that locates individual
bumps on the interconnect pattern. The latter type renders
more accurate place but tends to be more expensive and time
consuming. Both methods are acceptable since the parts
align due to a self−centering feature of the QFN solder joint
during solder re−flow.
Solder Paste
Type 3 or Type 4 solder paste is acceptable.
Re−flow and Cleaning
The QFN may be assembled using standard IR/IR
convection SMT re−flow processes without any special
considerations. As with other packages, the thermal profile
for specific board locations must be determined. Nitrogen
purge is recommended during solder for no−clean fluxes.
The QFN is qualified for up to three re−flow cycles at 235
°C
peak (J−STD−020). The actual temperature of the QFN is a
function of:
Component density
Component location on the board
Size of surrounding components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com