Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG710 Datasheet(PDF) 5 Page - Texas Instruments

Part # REG710
Description  60MA SWITCHED CAP BUCK/BOOST CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG710 Datasheet(HTML) 5 Page - Texas Instruments

  REG710 Datasheet HTML 1Page - Texas Instruments REG710 Datasheet HTML 2Page - Texas Instruments REG710 Datasheet HTML 3Page - Texas Instruments REG710 Datasheet HTML 4Page - Texas Instruments REG710 Datasheet HTML 5Page - Texas Instruments REG710 Datasheet HTML 6Page - Texas Instruments REG710 Datasheet HTML 7Page - Texas Instruments REG710 Datasheet HTML 8Page - Texas Instruments REG710 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
REG710
SBAS221E − DECEMBER 2001 − REVISED SEPTEMBER 2003
www.ti.com
5
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VIN = VOUT/2 + 0.75V, IOUT = 5mA, CIN = COUT = 2.2µF, CPUMP = 0.22µF, VENABLE = 1.3V, unless otherwise noted.
SUPPLY CURRENT vs TEMPERATURE
(No Load)
Temperature (
_C)
100
80
60
40
20
0
−30 −20
0
10
20
30
4050607080
90
−40
−10
LOAD TRANSIENT RESPONSE
20mV/div
V
OUT
I
LOAD
10mA/div
Time (10
µs/div)
BW = 20MHz
SUPPLY CURRENT vs TEMPERATURE
(Not Enabled)
Temperature (
_C)
20
18
16
14
12
10
8
6
4
2
0
−30 −20 −10 0 1020304050607080 90
−40
LINE TRANSIENT RESPONSE
2V/div
3.5V
4.5V
V
IN
V
OUT
50mV/div
Time (50
µs/div)
BW = 20MHz
Boost Mode
Buck Mode
REG710−3.3V
R
L =110Ω
OUTPUT VOLTAGE vs TEMPERATURE
Junction Temperature (
_C)
0.2
0.1
0.0
−0.1
−0.2
−0.3
−0.4
−0.5
−0.6
−20
0
20
40
60
80
100
120
140
−40
OUTPUT VOLTAGE DRIFT HISTOGRAM
V
OUT Drift (ppm/_ C)
25
20
15
10
5
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com