Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG710 Datasheet(PDF) 8 Page - Texas Instruments

Part # REG710
Description  60MA SWITCHED CAP BUCK/BOOST CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG710 Datasheet(HTML) 8 Page - Texas Instruments

Back Button REG710 Datasheet HTML 4Page - Texas Instruments REG710 Datasheet HTML 5Page - Texas Instruments REG710 Datasheet HTML 6Page - Texas Instruments REG710 Datasheet HTML 7Page - Texas Instruments REG710 Datasheet HTML 8Page - Texas Instruments REG710 Datasheet HTML 9Page - Texas Instruments REG710 Datasheet HTML 10Page - Texas Instruments REG710 Datasheet HTML 11Page - Texas Instruments REG710 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Table 1. Suggested Capacitors
REG710
SBAS221E − DECEMBER 2001 − REVISED SEPTEMBER 2003
www.ti.com
8
CAPACITOR SELECTION
For minimum output voltage ripple, the output capacitor
COUT should be a ceramic, surface-mount type. Tantalum
capacitors generally have a higher Effective Series Resist-
ance (ESR) and may contribute to higher output voltage
ripple. Leaded capacitors also increase ripple due to the
higher inductance of the package itself. To achieve best
operation with low input voltage and high load current, the
input and pump capacitors (CIN and CPUMP, respectively)
should also be surface-mount ceramic types. In all cases,
X7R or X5R dielectric are recommended. See the typical
operating circuit shown in Figure 3 for component values.
V
IN
Enable
V
OUT
GND
REG710
C
IN
2.2
µF
C
OUT
2.2
µF
C
PUMP
0.22
µF
46
3
5
1
2
Figure 3. Typical Operating Circuit
With light loads or higher input voltage, a smaller 0.1
µF
pump capacitor (CPUMP) and smaller 1µF input and output
capacitors (CIN and COUT, respectively) can be used. To
minimize output voltage ripple, increase the output capaci-
tor, COUT, to 10µF or larger.
The capacitors listed in Table 1 can be used with the
REG710. This is only a representative list of those parts
that are compatible.
EFFICIENCY
The efficiency of the charge pump regulator varies with the
output voltage version, the applied input voltage, the load
current, and the internal operation mode of the device.
The approximate efficiency is given by:
Efficiency (%) = VOUT/(2 × VIN) × 100
(step-up operating mode)
or
V
OUT
V
IN
100
(step-down operating mode)
Table 2 lists the approximate values of the input voltage at
which the device changes internal operating mode.
See efficiency curves in the Typical Characteristics section
for various loads and input voltages.
Table 2. Operating Mode Change Versus VIN
PRODUCT
OPERATING MODE
CHANGES AT V
OF
PRODUCT
OPERATING MODE
CHANGES AT VIN OF
REG710-2.5
> 3.2V
REG710-2.7
> 3.4V
REG710-3
> 3.7V
REG710-3.3
> 4.0V
REG710-5, REG71050, REG71055
Step-Up Only
LAYOUT
Large transient currents flow in the VIN, VOUT, and GND
traces. To minimize both input and output ripple, keep the
capacitors as close as possible to the regulator using
short, direct circuit traces.
A suggested PCB routing is shown in Figure 4. The trace
lengths from the input and output capacitors have been
kept as short as possible.
V
ENABLE
V
IN
C
IN
GND
C
P
V
OUT
C
OUT
AREA: < 0.08 sq. inches
Figure 4. Suggested PCB Design for Minimum Ripple
MANUFACTURER
PART NUMBER
VALUE
TOLERANCE
DIELECTRIC
PACKAGE
RATED
WORKING
MANUFACTURER
PART NUMBER
VALUE
TOLERANCE
DIELECTRIC
MATERIAL
PACKAGE
SIZE
RATED
WORKING
VOLTAGE
MANUFACTURER
PART NUMBER
VALUE
TOLERANCE
MATERIAL
SIZE
WORKING
VOLTAGE
Kemet
C1206C255K8RAC
2.2
µF
±10%
X7R
1206
10V
C1206C224K8RAC
0.22
µF
±10%
X7R
1206
10V
Panasonic
ECJ−2YBOJ225K
2.2
µF
±10%
X5R
805
6.3V
ECJ−2VBIC224K
0.22
µF
±10%
X7R
805
16V
ECJ−2VBIC104
0.1
µF
±10%
X7R
805
16V
Taiyo Yuden
EMK316BJ225KL
2.2
µF
±10%
X7R
1206
16V
TKM316BJ224KF
0.22
µF
±10%
X7R
1206
25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com