Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG710 Datasheet(PDF) 6 Page - Texas Instruments

Part # REG710
Description  60MA SWITCHED CAP BUCK/BOOST CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG710 Datasheet(HTML) 6 Page - Texas Instruments

Back Button REG710 Datasheet HTML 2Page - Texas Instruments REG710 Datasheet HTML 3Page - Texas Instruments REG710 Datasheet HTML 4Page - Texas Instruments REG710 Datasheet HTML 5Page - Texas Instruments REG710 Datasheet HTML 6Page - Texas Instruments REG710 Datasheet HTML 7Page - Texas Instruments REG710 Datasheet HTML 8Page - Texas Instruments REG710 Datasheet HTML 9Page - Texas Instruments REG710 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
REG710
SBAS221E − DECEMBER 2001 − REVISED SEPTEMBER 2003
www.ti.com
6
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VIN = VOUT/2 + 0.75V, IOUT = 5mA, CIN = COUT = 2.2µF, CPUMP = 0.22µF, VENABLE = 1.3V, unless otherwise noted.
OUTPUT RIPPLE VOLTAGE
20mV/div
C
OUT =2.2µF
C
OUT =10µF, CPUMP =1µF
20mV/div
Time (5
µs/div)
BW = 20MHz
REG710−3.3V
V
IN =2.4V
R
L =332Ω
SHORT−CIRCUIT LOAD CURRENT vs V
IN
V
IN (V)
250
225
200
175
150
125
100
75
50
25
0
2
2.5
3
3.5
4
4.5
5
5.5
1.5
OUTPUT RIPPLE VOLTAGE vs V
IN
(REG710−2.7V, 3.3V)
V
IN (V)
90
80
70
60
50
40
30
20
10
0
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
1
REG710−2.7
C
OUT =2.2µF
REG710−2.7
C
OUT =10µF
REG710−3.3
C
OUT =2.2µF
REG710−3.3
C
OUT =10µF
INPUT CURRENT AT TURN−ON
100mA/div
I
IN
V
OUT
2V/div
Time (50
µs/div)
BW = 20MHz
REG710−3.3V
V
IN =3.0V
I
O =30mA
OUTPUT RIPPLE VOLTAGE vs V
IN
(REG710−2.5V, 3V, 5V)
V
IN (V)
90
80
70
60
50
40
30
20
10
0
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
1
REG710−3
C
OUT =2.2µF
REG710−5
REG71050
C
OUT =10µF
REG710−5
REG71050
C
OUT =2.2µF
REG710−3
C
OUT =10µF
REG710−2.5
C
OUT =2.2µF
REG710−2.5, C
OUT =10µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com