Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG710 Datasheet(PDF) 2 Page - Texas Instruments

Part # REG710
Description  60MA SWITCHED CAP BUCK/BOOST CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG710 Datasheet(HTML) 2 Page - Texas Instruments

  REG710 Datasheet HTML 1Page - Texas Instruments REG710 Datasheet HTML 2Page - Texas Instruments REG710 Datasheet HTML 3Page - Texas Instruments REG710 Datasheet HTML 4Page - Texas Instruments REG710 Datasheet HTML 5Page - Texas Instruments REG710 Datasheet HTML 6Page - Texas Instruments REG710 Datasheet HTML 7Page - Texas Instruments REG710 Datasheet HTML 8Page - Texas Instruments REG710 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
REG710
SBAS221E − DECEMBER 2001 − REVISED SEPTEMBER 2003
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Supply Voltage
−0.3V to +6.0V
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Enable Input
−0.3V to VIN
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Short-Circuit Duration
Indefinite
. . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range
−55
°C to +125°C
. . . . . . . . . . . . . . .
Storage Temperature Range
−65
°C to +150°C
. . . . . . . . . . . . . . . .
Junction Temperature
−55
°C to +150°C
. . . . . . . . . . . . . . . . . . . . .
Lead Temperature (soldering, 3s)
+240
°C
. . . . . . . . . . . . . . . . . . .
NOTE: (1) Stresses above these ratings may cause permanent damage. Expo-
sure to absolute maximum conditions for extended periods may degrade device
reliability.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to
observe proper handling and installation procedures can cause
damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PACKAGE ORDERING INFORMATION
PRODUCT
OUTPUT
VOLTAGE
PACKAGE-LEAD
PACKAGE
DESIGNATOR(1)
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING(2)
ORDERING
NUMBER
TRANSPORT
MEDIA, QUANTITY
5.5V Output
5.5V
TSOT23−6
DDC
−40
°C to +85°C
R10H
REG71055DDCT
Tape and Reel, 250
5.5V Output
REG71055DDC
5.5V
TSOT23−6
DDC
−40
°C to +85°C
R10H
REG71055DDCR
Tape and Reel, 3000
5V Output
5.0V
SOT23−6
DBV
−40
°C to +85°C
R10B
REG710NA-5/250
Tape and Reel, 250
5V Output
REG710NA-5
5.0V
SOT23−6
DBV
−40
°C to +85°C
R10B
REG710NA−5/3K
Tape and Reel, 3000
5V Output
5.0V
TSOT23−6
DDC
−40
°C to +85°C
GAAI
REG71050DDCT
Tape and Reel, 250
5V Output
REG71050DDC
5.0V
TSOT23−6
DDC
−40
°C to +85°C
GAAI
REG71050DDCR
Tape and Reel, 3000
3.3V Output
3.3V
SOT23−6
DBV
−40
°C to +85°C
R10C
REG710NA-3.3/250
Tape and Reel, 250
3.3V Output
REG710NA-3.3
3.3V
SOT23−6
DBV
−40
°C to +85°C
R10C
REG710NA-3.3/3K
Tape and Reel, 3000
3V Output
3.0V
SOT23−6
DBV
−40
°C to +85°C
R10D
REG710NA-3/250
Tape and Reel, 250
3V Output
REG710NA-3
3.0V
SOT23−6
DBV
−40
°C to +85°C
R10D
REG710NA-3/3K
Tape and Reel, 3000
2.7V Output
2.7V
SOT23−6
DBV
−40
°C to +85°C
R10F
REG710NA-2.7/250
Tape and Reel, 250
2.7V Output
REG710NA-2.7
2.7V
SOT23−6
DBV
−40
°C to +85°C
R10F
REG710NA-2.7/3K
Tape and Reel, 3000
2.5V Output
REG710NA-2.5
2.5V
SOT23−6
DBV
−40
°C to +85°C
R10G
REG710NA-2.5/250
Tape and Reel, 250
2.5V Output
REG710NA-2.5
2.5V
SOT23−6
DBV
−40
°C to +85°C
R10G
REG710NA-2.5/3K
Tape and Reel, 3000
NOTES: (1) For the most current specifications and product information, refer to our web site at www.ti.com. (2) Voltage will be marked on reel.
PIN CONFIGURATION
Top View
TSOT23/SOT23
V
OUT
GND
Enable
1
2
3
6
5
4
C
PUMP+
V
IN
C
PUMP
−
SIMPLIFIED BLOCK DIAGRAM
V
IN
Enable
3
5
46
1
V
OUT
2 GND
Thermal
Control
&
REG710
C
IN
2.2
µF
C
OUT
2.2
µF
C
PUMP
0.22
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com