Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG710 Datasheet(PDF) 3 Page - Texas Instruments

Part # REG710
Description  60MA SWITCHED CAP BUCK/BOOST CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG710 Datasheet(HTML) 3 Page - Texas Instruments

  REG710 Datasheet HTML 1Page - Texas Instruments REG710 Datasheet HTML 2Page - Texas Instruments REG710 Datasheet HTML 3Page - Texas Instruments REG710 Datasheet HTML 4Page - Texas Instruments REG710 Datasheet HTML 5Page - Texas Instruments REG710 Datasheet HTML 6Page - Texas Instruments REG710 Datasheet HTML 7Page - Texas Instruments REG710 Datasheet HTML 8Page - Texas Instruments REG710 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
REG710
SBAS221E − DECEMBER 2001 − REVISED SEPTEMBER 2003
www.ti.com
3
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = −405C to +855C
At TA = +25°C, VIN = VOUT/2 + 0.75V, IOUT = 10mA, CIN = COUT = 2.2µF, CPUMP = 0.22µF, VENABLE = 1.3V, unless otherwise noted.
PARAMETER
CONDITIONS
REG710NA
UNITS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT VOLTAGE
Tested Startup
See conditions under Output Voltage
REG71055
See conditions under Output Voltage
with a resistive load not lower than typical VOUT/IOUT.
3.0
5.5
V
REG710-5
with a resistive load not lower than typical VOUT/IOUT.
2.7
5.5
V
All Other Models
1.8
5.5
V
OUTPUT VOLTAGE
REG71055
IOUT ≤ 10mA, 3.0V ≤ VIN ≤ 5.5V
5.2
5.5
5.8
V
IOUT ≤ 30mA, 3.25V ≤ VIN ≤ 5.5V
5.2
5.5
5.8
V
REG710-5, REG71050
IOUT ≤ 10mA, 2.7V ≤ VIN ≤ 5.5V
4.7
5.0
5.3
V
IOUT ≤ 30mA, 3.0V ≤ VIN ≤ 5.5V
4.7
5.0
5.3
V
IOUT ≤ 60mA, 3.3V ≤ VIN ≤ 4.2V
4.6
5.0
5.4
V
REG710-3.3
IOUT ≤ 10mA, 1.8V ≤ VIN ≤ 5.5V
3.10
3.3
3.50
V
IOUT ≤ 30mA, 2.2V ≤ VIN ≤ 5.5V
3.10
3.3
3.50
V
REG710-3
IOUT ≤ 10mA, 1.8V ≤ VIN ≤ 5.5V
2.82
3.0
3.18
V
IOUT ≤ 30mA, 2.2V ≤ VIN ≤ 5.5V
2.82
3.0
3.18
V
REG710-2.7
IOUT ≤ 10mA, 1.8V ≤ VIN ≤ 5.5V
2.54
2.7
2.86
V
IOUT ≤ 30mA, 2.0V ≤ VIN ≤ 5.5V
2.54
2.7
2.86
V
REG710-2.5
IOUT ≤ 10mA, 1.8V ≤ VIN ≤ 5.5V
2.35
2.5
2.65
V
IOUT ≤ 30mA, 2.0V ≤ VIN ≤ 5.5V
2.35
2.5
2.65
V
OUTPUT CURRENT
Nominal
30
mA
Short Circuit(1)
100
mA
OSCILLATOR FREQUENCY(2)
1.0
MHz
EFFICIENCY(3)
IOUT = 10mA, VIN = 1.8V, REG710−3.3
90
%
RIPPLE VOLTAGE(4)
IOUT = 30mA
35
mVp−p
ENABLE CONTROL
VIN = 1.8V to 5.5V
Logic High Input Voltage
1.3
VIN
V
Logic Low Input Voltage
−0.2
0.4
V
Logic High Input Current
100
nA
Logic Low Input Current
100
nA
THERMAL SHUTDOWN
Shutdown Temperature
160
°C
Shutdown Recovery
140
°C
SUPPLY CURRENT
(Quiescent Current)
IOUT = 0mA
65
100
µA
In Shutdown Mode
VIN = 1.8V to 5.5V, Enable = 0V
0.01
1
µA
TEMPERATURE RANGE
Specification Ambient Temperature
TA
−40
+85
°C
Operating Ambient Temperature
TA
−55
+125
°C
Storage Ambient Temperature
TA
−65
+150
°C
Thermal Resistance,
qJA
SOT23−6
200
°C/W
TSOT23−6
220
°C/W
(1) The supply current is twice the output short-circuit current.
(2) The converter regulates by enabling and disabling periods of switching cycles. The switching frequency is the oscillator frequency during
an active period.
(3) See efficiency curves for other VIN/VOUT configurations.
(4) Effective Series Resistance (ESR) of capacitors is < 0.1Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com