Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG710 Datasheet(PDF) 1 Page - Texas Instruments

Part # REG710
Description  60MA SWITCHED CAP BUCK/BOOST CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG710 Datasheet(HTML) 1 Page - Texas Instruments

  REG710 Datasheet HTML 1Page - Texas Instruments REG710 Datasheet HTML 2Page - Texas Instruments REG710 Datasheet HTML 3Page - Texas Instruments REG710 Datasheet HTML 4Page - Texas Instruments REG710 Datasheet HTML 5Page - Texas Instruments REG710 Datasheet HTML 6Page - Texas Instruments REG710 Datasheet HTML 7Page - Texas Instruments REG710 Datasheet HTML 8Page - Texas Instruments REG710 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SBAS221E − DECEMBER 2001 − REVISED SEPTEMBER 2003
60mA SwitchedCap
BUCK/BOOST CONVERTER
REG710
FEATURES
D Wide Input Range: 1.8V to 5.5V
D Automatic Step-Up/Step-Down Operation
D Low Input Current Ripple
D Low Output Voltage Ripple
D Minimum Number of External
Components
No Inductors
D 1MHz Internal Oscillator Allows Small
Capacitors
D Shutdown Mode
D Thermal and Current Limit Protection
D Six Output Voltages Available:
5.5V, 5.0V, 3.3V, 3.0V, 2.7V, 2.5V
D Small Packages:
− SOT23-6
− TSOT23-6 (REG71055 and REG71050 Only)
D Evaluation Modules Available:
REG710EVM-33, REG710EVM-5
APPLICATIONS
D Smart Card Readers
D SIM Card Supplies
D Cellular Phones
D Portable Communication Devices
D Personal Digital Assistants
D Notebook and Palm-Top Computers
D Modems
D Electronic Games
D Handheld Meters
D PCMCIA Cards
D Card Buses
D White LED Drivers
D LCD Displays
D Battery Backup Supplies
DESCRIPTION
The REG710 is a switched capacitor voltage converter,
that produces a regulated, low-ripple output voltage from
an unregulated input voltage. A wide-input supply voltage
of 1.8V to 5.5V makes the REG710 ideal for a variety of
battery sources, such as single cell Li-Ion, or two and three
cell nickel- or alkaline-based chemistries.
The input voltage may vary above and below the output
voltage and the output will remain in regulation. It works
equally well for step-up or step-down applications without
the need for an inductor, providing low EMI DC/DC
conversion. The high switching frequency allows the use
of small surface-mount capacitors, saving board space
and reducing cost. The REG710 is thermally protected and
current limited, protecting the load and the regulator during
fault conditions. Typical ground pin current (quiescent
current) is 65
µA with no load, and less than 1µA in
shutdown mode. The 5.5V version of the REG710 is
available in a thin TSOT23-6 package. All other versions
are available in a small SOT23-6 package.
REG710 Used in White LED Backlight Application
C
IN
2.2
µF
C
PUMP
0.22
µF
3.3V to
4.2V
C
OUT
2.2
µF
R
LED
GND
Enable
REG71050
REG710−5
LED
LED
RR
www.ti.com
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Copyright
 2001−2003, Texas Instruments Incorporated


Similar Part No. - REG710

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG710 BURR-BROWN-REG710 Datasheet
433Kb / 18P
60mA Switched-Cap BUCK/BOOST CONVERTER
logo
Texas Instruments
REG710 TI-REG710 Datasheet
781Kb / 22P
60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
REG710 TI-REG710 Datasheet
777Kb / 22P
60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
REG710 TI-REG710 Datasheet
1Mb / 32P
REG710xx Buck-Boost Charge Pump with up to 60-mA Output Current
REG710 TI1-REG710 Datasheet
1Mb / 32P
Buck-Boost Charge Pump
More results

Similar Description - REG710

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3352 NSC-LM3352 Datasheet
516Kb / 11P
Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Texas Instruments
TPS60240 TI-TPS60240 Datasheet
377Kb / 10P
170-uVrms ZERO-RIPPLE SWITCHED CAP BUCK-BOOST CONVERTER FOR VCO SUPPLY
logo
National Semiconductor ...
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Burr-Brown (TI)
REG710 BURR-BROWN-REG710_07 Datasheet
433Kb / 18P
60mA Switched-Cap BUCK/BOOST CONVERTER
logo
YOBON TECHNOLOGIES,INC.
YB1300S YOBON-YB1300S Datasheet
368Kb / 8P
Switched Capacitor Boost Converter 5V/4.5V
logo
Texas Instruments
LM3354-3.7 TI1-LM3354-3.7 Datasheet
1Mb / 14P
LM3354-3.7 Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1300S YOBON-YB1300S_09 Datasheet
381Kb / 8P
Switched Capacitor Boost Converter 5V/4.5V
logo
Texas Instruments
LM3279 TI1-LM3279_16 Datasheet
1Mb / 37P
Buck-Boost Converter
LM2775-Q1 TI1-LM2775-Q1 Datasheet
2Mb / 30P
Switched Capacitor 5-V Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com