Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REG710 Datasheet(PDF) 7 Page - Texas Instruments

Part # REG710
Description  60MA SWITCHED CAP BUCK/BOOST CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG710 Datasheet(HTML) 7 Page - Texas Instruments

Back Button REG710 Datasheet HTML 3Page - Texas Instruments REG710 Datasheet HTML 4Page - Texas Instruments REG710 Datasheet HTML 5Page - Texas Instruments REG710 Datasheet HTML 6Page - Texas Instruments REG710 Datasheet HTML 7Page - Texas Instruments REG710 Datasheet HTML 8Page - Texas Instruments REG710 Datasheet HTML 9Page - Texas Instruments REG710 Datasheet HTML 10Page - Texas Instruments REG710 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
REG710
SBAS221E − DECEMBER 2001 − REVISED SEPTEMBER 2003
www.ti.com
7
THEORY OF OPERATION
The REG710 regulated charge pump provides a regulated
output voltage for input voltages ranging from less than the
output to greater than the output. This is accomplished by au-
tomatic mode switching within the device. When the input
voltage is greater than the required output, the unit functions
as a variable frequency switch-mode regulator. This opera-
tion is shown in Figure 1. Transistors Q1 and Q3 are held off,
Q4 is on, and Q2 is switched as needed to maintain a regu-
lated output voltage.
OFF
SWITCHED
Step−Down (Buck) Mode
OFF
ON
C
PUMP
Q
1
Q
3
Q
2
Q
4
C
IN
C
OUT
V
OUT
V
IN
Figure 1. Simplified Schematic of the REG710
Operating in the Step-Down Mode
When the input voltage is less than the required output
voltage, the device switches to a step-up or boost mode of
operation, as shown in Figure 2.
A conversion clock of 50% duty cycle is generated. During
the first half cycle the FET switches are configured as
shown in Figure 2A, and CPUMP charges to VIN.
During the second half cycle the FET switched are config-
ured as shown in Figure 2B, and the voltage on CPUMP is
added to VIN. The output voltage is regulated by skipping
clock cycles as necessary.
PEAK CURRENT REDUCTION
In normal operation, the charging of the pump and output
capacitors usually leads to relatively high peak input cur-
rents which can be much higher than that of the average
load current. The regulator incorporates circuitry to limit
the input peak current, lowering the total EMI production of
the device and lowering output voltage ripple and input cur-
rent ripple. Input capacitor (CIN) supplies most of the
charge required by input current peaks.
PROTECTION
The regulator has thermal shutdown circuitry that protects
it from damage caused by overload conditions. The ther-
mal protection circuitry disables the output when the junc-
tion temperature reached approximately 160
°C, allowing
the device to cool. When the junction temperature cools to
approximately 140
°C, the output circuitry is automatically
reenabled. Continuously running the regulator into thermal
shutdown can degrade reliability. The regulator also pro-
vides current limit to protect itself and the load.
SHUTDOWN MODE
A control pin on the regulator can be used to place the de-
vice into an energy-saving shutdown mode. In this mode,
the output is disconnected from the input as long as VIN is
greater than or equal to minimum VIN and the input quies-
cent current is reduced to 1
µA maximum.
Step−Up (Boost) Mode
(A)
(B)
OFF
ON
ON
OFF
CPUMP
Q2
Q4
COUT
VOUT
CPUMP
Q2
Q4
COUT
V OUT
OFF
ON
Q1
Q3
ON
OFF
Q1
Q3
CIN
VIN
CIN
VIN
Figure 2. Simplified Schematic of the REG710 Operating in the Step-Up or Boost Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com