Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL811HS Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # SL811HS
Description  Embedded USB Host/Slave Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811HS Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button SL811HS Datasheet HTML 8Page - Cypress Semiconductor SL811HS Datasheet HTML 9Page - Cypress Semiconductor SL811HS Datasheet HTML 10Page - Cypress Semiconductor SL811HS Datasheet HTML 11Page - Cypress Semiconductor SL811HS Datasheet HTML 12Page - Cypress Semiconductor SL811HS Datasheet HTML 13Page - Cypress Semiconductor SL811HS Datasheet HTML 14Page - Cypress Semiconductor SL811HS Datasheet HTML 15Page - Cypress Semiconductor SL811HS Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
SL811HS
Document #: 38-08008 Rev. *A
Page 12 of 29
5.2.8
USB-A/USB-B Host Transfer Count Register (Read), USB Address (Write) [04H, 0CH]
This register has two functions. When read, this register contains the number of bytes left over (from “Length” field) after a packet
is transferred. If an overflow condition occurs, i.e., the received packet from slave USB device was greater than the Length field
specified, a bit is set in the Packet Status Register indicating the condition. When written, this register will contain the USB Device
Address to which the Host wishes to communicate.
DA6-DA0
Device address, up to 127 devices can be addressed
DA7
Reserved bit should be set zero.
5.3
SL811HS Control Registers
5.3.1
Control Register 1, Address [05H]
The Control Register 05H enables/disables USB transfer operation with control bits defined as follows.
• At power-up this register will be cleared to all zeros.
• In the SL811HS, bit 0 is used to enable HW SOF auto-generation (bit 0 was not used in the SL11H).
D7
D6
D5
D4
D3
D2
D1
D0
0
DA6
DA5
DA4
DA3
DA2
DA1
DA0
Register Name SL11H and SL811H
SL11H (hex) Address
SL811HS (hex) Address
Control Register1
05H
05H
Interrupt Enable Register
06H
06 H
Reserved Register
07H
07 H
Status Register
0DH
0DH
SOF Counter LOW (Write)/HW Revision Register (Read)
0EH
0E H
SOF Counter HIGH and Control Register2
Reserved
0F H
Memory Buffer
10H-FFH
10H-FFH
Bit
Bit Name
Function
0
SOF ena/dis
“1” enable auto Hardware SOF generation, “0”= disable
1
Reserved
2
Reserved
3
USB Engine Reset
USB Engine reset = “1.” Normal set “0”
4
J-K state force
See the table below
5
USB Speed
“0” set-up for full speed, “1” set-up LOW-SPEED
6
Suspend
“1” enable, “0” = disable
7
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com