Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL811HS Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # SL811HS
Description  Embedded USB Host/Slave Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811HS Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button SL811HS Datasheet HTML 21Page - Cypress Semiconductor SL811HS Datasheet HTML 22Page - Cypress Semiconductor SL811HS Datasheet HTML 23Page - Cypress Semiconductor SL811HS Datasheet HTML 24Page - Cypress Semiconductor SL811HS Datasheet HTML 25Page - Cypress Semiconductor SL811HS Datasheet HTML 26Page - Cypress Semiconductor SL811HS Datasheet HTML 27Page - Cypress Semiconductor SL811HS Datasheet HTML 28Page - Cypress Semiconductor SL811HS Datasheet HTML 29Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 29 / 29 page
background image
SL811HS
Document #: 38-08008 Rev. *A
Page 29 of 29
Document Title: SL811HS USB Host/Slave Controllers Hardware Specification
Document Number: 38-08008
REV.
ECN NO.
Issue
Date
Orig. of
Change
Description of Change
**
110850
12/14/01
BHA
Converted to Cypress format from ScanLogic
*A
112687
03/22/02
MUL
1) Changed power supply voltage to 4.0V in section 7.1
2) Changed value of twdsu in section 7.6.2
3) Changed max. power supply voltage to 3.45 V in section 7.2
4) Changed accuracy of adjustment in section 7.2
5) Changed bits 0 and 1 to reserved in section 5.3.8
6) Changed bit 2 to reserved in section 5.3.5 and 5.3.7
7) Changed bit 2 to reserved in section 5.3.1
8) Changed definition of bit 6 in section 5.3.5 & 5.3.7
9) Added section 5.1, Register Values on Power-up and Reset
10) Changed bit description notes in section 5.3.7
11) Changed note about series termination resistors in section 7.5
12) Changed example in section 5.3.9
13) Changed J-K Programming States table in section 5.3.2
14) Added and removed comments for low-power modes in section 5.3.4
15) Removed sections specific to slave operation and SL11H
16) Removed duplicate tables
17) General formatting changes to section headings
18) Fixed all part number references
19) Added comments to section 7.5 and new definitions to section 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com