Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL811HS Datasheet(PDF) 25 Page - Cypress Semiconductor

Part # SL811HS
Description  Embedded USB Host/Slave Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811HS Datasheet(HTML) 25 Page - Cypress Semiconductor

Back Button SL811HS Datasheet HTML 21Page - Cypress Semiconductor SL811HS Datasheet HTML 22Page - Cypress Semiconductor SL811HS Datasheet HTML 23Page - Cypress Semiconductor SL811HS Datasheet HTML 24Page - Cypress Semiconductor SL811HS Datasheet HTML 25Page - Cypress Semiconductor SL811HS Datasheet HTML 26Page - Cypress Semiconductor SL811HS Datasheet HTML 27Page - Cypress Semiconductor SL811HS Datasheet HTML 28Page - Cypress Semiconductor SL811HS Datasheet HTML 29Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
SL811HS
Document #: 38-08008 Rev. *A
Page 25 of 29
7.6.2
I/O Read Cycle
Note. NCS can be kept LOW during multiple Read cycles provided nRD is cycled. Rd Cycle Time for Auto Inc Mode Reads is
150 ns minimum.
Parameter
Description
Min.
Typ.
Max.
tWR
Write pulse width
65 ns
tRD
Read pulse width
65 ns
tWCSU
Chip select set-up to nWR
0 ns
tWASU
A0 address set-up time
65 ns
tWAHLD
A0 address hold time
10 ns
tWDSU
Data to Write HIGH set-up time
60 ns
tWDHLD
Data hold time after Write HIGH
5 ns
tRACC
Data valid after Read LOW
20 ns
25 ns
tRDHLD
Data hold after Read HIGH
5 ns
tRCSU
Chip select LOW to Read LOW
0 ns
tRSHLD
NCS hold after Read HIGH
0 ns
TCSCS*
nCS inactive to nCS *asserted
85 ns
tWRRDL
nWR HIGH to nRD LOW
85ns
nRD
A0
D0-D7
DATA
twr
twahld
twdhld
twasu
twdsu
trdhld
I/O Read Cycle from Register or Memory Buffer
Register or Memory
Address
trdp
nWR
trshld
trcsu
nCS
tracc
Tcscs *Note
twrrdl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com