Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL811HS Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # SL811HS
Description  Embedded USB Host/Slave Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811HS Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button SL811HS Datasheet HTML 17Page - Cypress Semiconductor SL811HS Datasheet HTML 18Page - Cypress Semiconductor SL811HS Datasheet HTML 19Page - Cypress Semiconductor SL811HS Datasheet HTML 20Page - Cypress Semiconductor SL811HS Datasheet HTML 21Page - Cypress Semiconductor SL811HS Datasheet HTML 22Page - Cypress Semiconductor SL811HS Datasheet HTML 23Page - Cypress Semiconductor SL811HS Datasheet HTML 24Page - Cypress Semiconductor SL811HS Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
SL811HS
Document #: 38-08008 Rev. *A
Page 21 of 29
Notes:
12. The A0 Address bit is used to access address register or data registers in I/O Mapped or Memory Mapped applications.
6.2.4
Package Markings (SL811HST-AC)
YYWW = Date code
XXXX = Product code
X.X = Silicon revision number
33
BIDIR
D6
Data 6. Microprocessor Data/(Address) Bus.
34
NC
NC
NC
35
NC
NC
NC
36
NC
NC
NC
37
NC
NC
NC
38
NC
NC
NC
39
BIDIR
D7
Data 7. Microprocessor Data/(Address) Bus.
40
IN
M/S
Master/Slave Mode Select. “1” selects Slave. “0” = Master.
41
VDD
+3.3 VDC
SL811HST-AC Device VDD Power.
42
IN
A0
A0 = “0.” Selects address pointer. Reg.A0 = “1.” Selects data buffer or
register.[12]
43
IN
nDACK
DMA Acknowledge. An active LOW input used to interface to an
external DMA controller. DMA is enabled only in slave mode. In host
mode, pin should be tied HIGH (logic “1”) .
44
OUT
nDRQ
DMA Request. An active LOW output used with an external DMA
controller. nDRQ and nDACK form the handshake for DMA data
transfers. In host mode, pin must be left unconnected .
45
IN
NRD
Read Strobe Input. An active LOW input used with nCS to Read
registers/data memory.
46
NC
NC
NC
47
NC
NC
NC
48
NC
NC
NC
Table 6-2. SL811HST-AC Pin Assignments and Definitions (continued)
Pin No.
Pin Type
Pin Name
Pin Description
SL811HST
YYWW-X.X
XXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com