Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL811HS Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # SL811HS
Description  Embedded USB Host/Slave Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811HS Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button SL811HS Datasheet HTML 9Page - Cypress Semiconductor SL811HS Datasheet HTML 10Page - Cypress Semiconductor SL811HS Datasheet HTML 11Page - Cypress Semiconductor SL811HS Datasheet HTML 12Page - Cypress Semiconductor SL811HS Datasheet HTML 13Page - Cypress Semiconductor SL811HS Datasheet HTML 14Page - Cypress Semiconductor SL811HS Datasheet HTML 15Page - Cypress Semiconductor SL811HS Datasheet HTML 16Page - Cypress Semiconductor SL811HS Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
SL811HS
Document #: 38-08008 Rev. *A
Page 13 of 29
5.3.2
J-K Programming States [bits 3 and 4 of Control Register 05H]
The J-K force state control and USB Engine Reset bits can be used to generate USB reset condition on the USB. Forcing K-state
can be used for Peripheral device remote wake-up, Resume and other modes. These two bits are set to zero on power-up.
5.3.3
Low-speed/Full Speed Modes [bit 5 Control Register 05H]
The SL811HS is designed to communicate with either full or low-speed devices. At power-up bit 5 will be set LOW, i.e., for full
speed. There are two cases when communicating with a low-speed device. When a low-speed device is connected directly to
the SL811HS, bit 5 of Register 05H should be set to logic “1” and bit 6 of register 0FH, Output-Invert, needs to be set to “1” in
order to change the polarity of D+ and D–. When a low-speed device is connected via a HUB to SL811HS, bit 5 of Register 05H
should be set to logic “0” and bit 6 of register 0FH should be set to logic “0” in order to keep the polarity of D+ and D– for full
speed. In addition, make sure that bit 7 of USB-A/USB-B Host Control Registers [00H, 08H] is set to “1.”
5.3.4
Low-power Modes [bit 6 Control Register 05H]
When bit-6 (Suspend) is set to “1,” the power of the transmit transceiver will be turned off, the internal RAM will be in the suspend
mode, and the internal clocks will be disabled. Note. Any activity on the USB bus (i.e., K-State, etc.) will resume normal operation.
To resume normal operation from the CPU side, a data Write cycle (i.e., A0 set HIGH for a data Write cycle) should be done.
5.3.5
Interrupt Enable Register, Address [06H]
The SL811HS provides an Interrupt Request Output, which can be activated on a number of conditions. The Interrupt Enable
Register allows the user to select conditions that will result in an Interrupt being issued to an external CPU. A separate Interrupt
Status Register is provided. It can be polled in order to determine those conditions that initiated the interrupt. (See Interrupt Status
Register description.) When a bit is set to “1” the corresponding interrupt is enabled.
• Bits 0–1 are used for the USB A/B controller interrupt.
• Bit 4 is used to enable/disable the SOF timer. To utilize this bit function, bit 0 of register 05H must be enabled and the SOF
counter registers 0EH and 0FH must be initialized.
• Bit 5 is used to enable/disable the device inserted/removed interrupt.
• When bit-6 of register 05H is set = “1,” bit 6 of this register enables the Resume Detect Interrupt. Otherwise, this bit is used
to enable Device detection status as defined in the Interrupt Status Register bit definitions.
Note:
2.
Force K-State for low speed.
3.
Force J-State for low speed.
Bit 4
Bit 3
Function
0
0
Normal operating mode
0
1
Force USB Reset, D+ and D– are set LOW (SE0)
1
0
Force J-State, D+ set HIGH, D– set LOW[2]
1
1
Force K-State, D– set HIGH, D+ set LOW[3]
Bit Position
Bit Name
Function
0
USB-A
USB-A Done Interrupt
1
USB-B
USB-B Done Interrupt
2
Reserved
3
Reserved
4
SOF Timer
1 = Enable Interrupt on 1-ms SOF Timer
5
Inserted/Removed
Slave Insert/Remove Detection
6
Device Detect/Resume
Enable Device Detect/Resume Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com