Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL811HS Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # SL811HS
Description  Embedded USB Host/Slave Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811HS Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button SL811HS Datasheet HTML 10Page - Cypress Semiconductor SL811HS Datasheet HTML 11Page - Cypress Semiconductor SL811HS Datasheet HTML 12Page - Cypress Semiconductor SL811HS Datasheet HTML 13Page - Cypress Semiconductor SL811HS Datasheet HTML 14Page - Cypress Semiconductor SL811HS Datasheet HTML 15Page - Cypress Semiconductor SL811HS Datasheet HTML 16Page - Cypress Semiconductor SL811HS Datasheet HTML 17Page - Cypress Semiconductor SL811HS Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
SL811HS
Document #: 38-08008 Rev. *A
Page 14 of 29
5.3.6
USB Address Register, Reserved, Address [07H]
This register is reserved for the device USB Address in Slave operation. It should not be written by the user.
5.3.7
Interrupt Status Register, Address [0DH]
The ISR is a Read/Write register providing interrupt status. Interrupts can be cleared by writing to this register. To clear a specific
interrupt, the register is written with corresponding bit set to “1.”
• Bit 5 is provided to support USB cable Insertion/Removal for the SL811HS in Host Mode. This bit is set when a transition from
SE0 to IDLE (device inserted) or IDLE to SE0 (device removed) occurs on the bus.
• Bit 6 is shared between Device Detection status and Resume detection interrupt. When bit-6 of register 05H is set to one, this
bit will be the Resume detection Interrupt bit. Otherwise, this bit is used to indicate the presence of a Device, “1” = device “Not
present” and “0” = device “Present.” In this mode this bit should be checked along with bit 5 to determine whether a device
has been inserted or removed.
• Bit 7 provides continuous USB Data+ line status. Once it has been determined that a device has been inserted as described
above with bits 5 and 6, bit 7 can be used to detect if the inserted device is low- or full-speed.
5.3.8
Current Data Set Register/Hardware Revision/SOF Counter LOW, Address [0EH]
• This register has two modes: a Read from this register indicates the current SL811HS silicon revision.
• Writing to this register will set up auto generation of SOF to all connected peripherals. This counter is based on the 12-MHz
clock. To set up a 1-ms timer interval, the software must set up both SOF counter registers to the proper values.
• Example. To set up SOF for 1-ms interval, SOF counter register 0EH should be set to E0H.
Bit Position
Bit Name
Function
0
USB-A
USB-A Done Interrupt
1
USB-B
USB-B Done Interrupt
2
Reserved
3
Reserved
4
SOF timer
1 = Interrupt on 1-ms SOF Timer
5
Insert/Remove
Slave Insert/Remove Detection
6
Device Detect/Resume
Device Detect/Resume Interrupt
7
D+
Value of the Data+ Pin
Bit Position
Bit Name
Function
0
Reserved
Reserved for slave
1
Reserved
Reserved for slave
2
Reserved
Read will be zero
3
Reserved
Read will be zero
4–7
HW Revision
SL11H Read = 0H, SL811HS rev1.2 Read = 1H, SL811HS
rev1.5 Read = 2
Bit Position
Bit Name
Function
0–7
SOF LOW Counter Register
Write-only to set SOF LOW Counter Register, OEH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com