Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL811HS Datasheet(PDF) 20 Page - Cypress Semiconductor

Part # SL811HS
Description  Embedded USB Host/Slave Controller
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

SL811HS Datasheet(HTML) 20 Page - Cypress Semiconductor

Back Button SL811HS Datasheet HTML 16Page - Cypress Semiconductor SL811HS Datasheet HTML 17Page - Cypress Semiconductor SL811HS Datasheet HTML 18Page - Cypress Semiconductor SL811HS Datasheet HTML 19Page - Cypress Semiconductor SL811HS Datasheet HTML 20Page - Cypress Semiconductor SL811HS Datasheet HTML 21Page - Cypress Semiconductor SL811HS Datasheet HTML 22Page - Cypress Semiconductor SL811HS Datasheet HTML 23Page - Cypress Semiconductor SL811HS Datasheet HTML 24Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
SL811HS
Document #: 38-08008 Rev. *A
Page 20 of 29
6.2.3
SL811HST-AC USB Host Controller Pins Description
The SL811HST-AC is packaged in a 48-pin TQFP. The device requires a 3.3VDC power source. The SL811HST-AC requires an
external 12 or 48 MHz crystal or Clock.
Table 6-2. SL811HST-AC Pin Assignments and Definitions
Pin No.
Pin Type
Pin Name
Pin Description
1
NC
NC
NC
2
NC
NC
NC
3
IN
nWR
Write Strobe Input. An active LOW input used with nCS to Write to
registers/data memory.
4
IN
nCS
Active LOW SL811HST-AC Chip select. Used with nRD and nWr when
accessing SL811HT.
5
IN
CM
Clock Mode. Select 12-MHz/48-MHz Clock Source.[9]
6
VDD1
+3.3 VDC
Power for USB Transceivers. VDD1 may be connected to VDD.
7
BIDIR
DATA +
USB Differential Data Signal HIGH Side
8
BIDIR
DATA -
USB Differential Data Signal LOW Side
9
GND
USB GND
Ground Connection for USB
10
NC
NC
NC
11
NC
NC
NC
12
NC
NC
NC
13
NC
NC
NC
14
NC
NC
NC
15
VDD
+3.3 VDC
SL811HST-AC Device VDD Power
[10]
16
IN
CLK/X1
Clock or External Crystal X1 connection[11]
17
OUT
X2
External Crystal X2 connection
18
IN
NRST
SL811HST-AC Device active low reset input
19
OUT
INTRQ
Active HIGH Interrupt Request output to external controller
20
GND
GND
SL811HST-AC Device Ground
21
BIDIR
D0
Data 0. Microprocessor Data/(Address) Bus.
22
NC
NC
NC
23
NC
NC
NC
24
NC
NC
NC
25
NC
NC
NC
26
NC
NC
NC
27
BIDIR
D1
Data 1. Microprocessor Data/(Address) Bus.
28
BIDIR
D2
Data 2. Microprocessor Data/(Address) Bus.
29
BIDIR
D3
Data 3. Microprocessor Data/(Address) Bus.
30
GND
GND
SL811HST-AC Device Ground
31
BIDIR
D4
Data 4. Microprocessor Data/(Address) Bus.
32
BIDIR
D5
Data 5. Microprocessor Data/(Address) Bus.
Notes:
9.
The CM Clock Multiplier pin should be tied HIGH for a 12-MHz clock source and tied to ground for a 48-MHz clock source. In SL11H, this pin was designated
as ALE input pin.
10. VDD can be derived from the USB supply. See diagram.
11.
The X1/X2 Clock requires external 12- or 48-MHz matching crystal or clock source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com