Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5903 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5903
Description  Dual Digital Tuner / AGC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5903 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button CLC5903 Datasheet HTML 17Page - National Semiconductor (TI) CLC5903 Datasheet HTML 18Page - National Semiconductor (TI) CLC5903 Datasheet HTML 19Page - National Semiconductor (TI) CLC5903 Datasheet HTML 20Page - National Semiconductor (TI) CLC5903 Datasheet HTML 21Page - National Semiconductor (TI) CLC5903 Datasheet HTML 22Page - National Semiconductor (TI) CLC5903 Datasheet HTML 23Page - National Semiconductor (TI) CLC5903 Datasheet HTML 24Page - National Semiconductor (TI) CLC5903 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
21
www.national.com
SCK will be set to the proper strobe rate for each debug tap
point. POUT_EN and PSEL[2..0] have no effect in Debug
Mode. The outputs are turned on when the Debug Mode bit
is set. Normal serial outputs are also disabled.
Control Registers
The chip is configured and controlled through the use of 8-bit
control registers. These registers are accessed for reading or
writing using the control bus pins (CE, RD, WR, A[7:0], and
D[7:0]) described in the Control Interface section.
The two sets of FIR coefficients are overlaid at the same
memory address. Use the PAGE_SEL registers to access
the second set of coefficients.
The register names and descriptions are listed below under
Control Register Addresses and Defaults on page 21. A
quick reference table is provided in the Condensed CLC5903
Address Map on page 22.
Control Register Addresses and Defaults
Register Name
Width
Type
Defaulta
Addr
Bit
Description
DEC
11b
R/W
7
0(LSBs)
1(MSBs)
7:0
2:0
CIC decimation control. N=DEC+1. Valid range is from 7 to 2047. Format is an unsigned
integer. This affects both channels.
DEC_BY_4
1b
R/W
0
1
4
Controls the decimation factor in F2. 0=Decimate by 2. 1=Decimate by 4. This affects both
channels.
SCALE
6b
R/W
0
2
5:0
CIC SCALE parameter. Format is an unsigned integer representing the number of left bit
shifts to perform on the data prior to the CIC filter. Valid range is from 0 to 40. This affects
both channels.
GAIN_A
3b
R/W
0
3
2:0
Value of left bit shift prior to F1 for channel A.
GAIN_B
3b
R/W
0
4
2:0
Value of left bit shift prior to F1 for channel B.
RATE
1B
R/W
1
5
7:0
Determines rate of serial output clock. The output rate is FCK/(RATE+1). Unsigned integer
values of 0, 1, 3, 7, 15, and 31 are allowed.
SOUT_EN
1b
R/W
0
6
0
Enables the serial output pins AOUT, BOUT, SCK, and SFS. 0=Tristate. 1=Enabled.
SCK_POL
1b
R/W
0
6
1
Determines polarity of the SCK output. 0=AOUT, BOUT, and SFS change on the rising
edge of SCK (capture on falling edge). 1=They change on the falling edge of SCK.
SFS_POL
1b
R/W
0
6
2
Determines polarity of the SFS output. 0=Active High. 1=Active Low.
RDY_POL
1b
R/W
0
6
3
Determines polarity of the RDY output. 0=Active High. 1=Active Low.
MUX_MODE
1b
R/W
0
6
4
Determines the mode of the serial outputs. 0=Each channel is output on its respective pin,
1=Both channels are multiplexed and output on AOUT. See also Table 1.
PACKED
1b
R/W
0
6
5
Controls when SFS goes active. 0=SFS pulses prior to the start of the I and the Q words.
1=SFS pulses only once prior to the start of each I/Q sample pair (i.e. the pair is treated as
a double-sized word) The I word precedes the Q word. See Figure 30.
FORMAT
2b
R/W
0
6
7:6
Determines output number format. 0=Truncate serial output to 8 bits. Parallel output is trun-
cated to 32 bits. 1=Round both serial and parallel to 16 bits. All other bits are set to 0.
2=Round both serial and parallel to 24 bits. All other bits are set to 0. 3=Output floating
point. 8-bit mantissa, 4-bit exponent. All other bits are set to 0.
FREQ_A
4B
R/W
0
7-10
7:0
Frequency word for channel A. Format is a 32-bit, 2’s complement number spread across 4
registers. The LSBs are in the lower registers. The NCO frequency F is F/FCK=FREQ_A/
232.
PHASE_A
2B
R/W
0
11-12
7:0
Phase word for channel A. Format is a 16-bit, unsigned magnitude number spread across 2
registers. The LSBs are in the lower registers. The NCO phase PHI is PHI=2*pi*PHASE_A/
2^16.
FREQ_B
4B
R/W
0
13-16
7:0
Frequency word for channel B. Format is a 32-bit, 2’s complement number spread across 4
registers. The LSBs are in the lower registers. The NCO frequency F is F/FCK=FREQ_B/
232.
PHASE_B
2B
R/W
0
17-18
7:0
Phase word for channel B. Format is a 16-bit, unsigned magnitude number spread across 2
registers. The LSBs are in the lower registers. The NCO phase PHI is PHI=2*pi*PHASE_B/
2^16.
A_SOURCE
2
R/W
0
19
1:0
0=Select AIN as channel input source. 1=Select BIN. 2=3=Select TEST_REG as channel
input source.
B_SOURCE
2
R/W
1
19
3:2
0=Select AIN as channel input source. 1=Select BIN. 2=3=Select TEST_REG as channel
input source.
EXP_INH
1b
R/W
0
20
0
0=Allow exponent to pass into FLOAT TO FIXED converter. 1=Force exponent in DDC
channel to a 7 (maximum digital gain). This affects both channels.
Reserved
1b
R/W
1
20
1
AGC_FORCE on the CLC5902. Do not use.
Reserved
1b
R/W
0
20
2
AGC_RESET_EN on the CLC5902. Do not use.
AGC_HOLD_IC
1b
R/W
0
20
3
0=Normal closed-loop operation. 1=Hold integrator at initial condition. This affects both
channels.
AGC_LOOP_GAIN
2b
R/W
0
20
4:5:
Bit shift value for AGC loop. Valid range is from 0 to 3. This affects both channels.
Reserved
2B
R/W
0
21-22
7:0
AGC_COUNT on the CLC5902. Do not use.
AGC_IC_A
1B
R/W
0
23
7:0
AGC fixed gain for channel A. Format is an 8-bit, unsigned magnitude number. The channel
A DVGA gain will be set to the inverted three MSBs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com