Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5903 Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5903
Description  Dual Digital Tuner / AGC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5903 Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button CLC5903 Datasheet HTML 21Page - National Semiconductor (TI) CLC5903 Datasheet HTML 22Page - National Semiconductor (TI) CLC5903 Datasheet HTML 23Page - National Semiconductor (TI) CLC5903 Datasheet HTML 24Page - National Semiconductor (TI) CLC5903 Datasheet HTML 25Page - National Semiconductor (TI) CLC5903 Datasheet HTML 26Page - National Semiconductor (TI) CLC5903 Datasheet HTML 27Page - National Semiconductor (TI) CLC5903 Datasheet HTML 28Page - National Semiconductor (TI) CLC5903 Datasheet HTML 29Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
www.national.com
26
ure 38. The integrator saturates at these limits to prevent
overshoots as the integrator attempts to enter the valid
range. The AGAIN value is inver ted (EXP) and used to
adjust the gain of the incoming signal to provide a linear out-
put dynamic range. The relationship between the DVGA ana-
log gain (AGAIN) and the “FIXED TO FLOAT CONVERTER”
digital gain (EXP) is shown in Table 4. The DVGA’s compres-
sion of the incoming signal in the analog domain vs. the sub-
sequent expansion in the digital domain is shown in Figure
32.
The A G C m a y be f o r c ed t o f r ee r un b y se t t i n g
AG C_ H O L D _ I C lo w. W r itin g a n in itia l c o n d i t io n to
AGC_IC_A|B and then setting AGC_HOLD_IC high will force
the AGC to a fixed gain. The three MSBs of the value written
to AGC_IC_A|B are inverted and output to drive the DVGA.
Allowing the AGC to free run should be appropriate for most
applications. If the INH_EXP bit is not set, the DVGA gain
word (EXP) is routed to the “FLOAT TO FIXED CON-
VERTER” in the DDCs prior to the programmable decimation
filter. The EXP signals are delayed to account for the propa-
gation delay of the DVGA interface and the CLC5957 ADC.
0
10
20
30
40
50
60
-120
-100
-80
-60
-40
-20
0
20
0
5
10
15
20
25
30
-120
-100
-80
-60
-40
-20
0
20
ADDRESS
POUT (dB)
(a)
(b)
Figure 37. Example of programmed RAM contents
AGAINa
a. AGAIN sets the DVGA or analog gain value.
EXPb
b. EXP sets the “FIXED TO FLOAT CONVERTER” or digital gain value.
Inputc
c. 22-bit input to SHIFT-UP block in Figure 16 horizontally, linearized SHIFT-UP value vertically.
21
20
19
18
17
16
15
14
...
876543210
000 = -12dB
111 = +0dB
-12dB
14
13
12
11
10
987...
10LLLLLLL
001 = -6dB
110 = -6dB
-12dB
14
14
13
12
11
10
98...
210LLLLLL
010 = +0dB
101 = -12dB
-12dB
14
14
14
13
12
11
10
9
...
3210LLLLL
011 = +6dB
100 = -18dB
-12dB
14
14
14
14
13
12
11
10
...
43210LLLL
100 = +12dB
011 = -24dB
-12dB
14
14
14
14
14
13
12
11
...
543210LLL
101 = +18dB
010 = -30dB
-12dB
14
14
14
14
14
14
13
12
...
6543210LL
110 = +24dB
001 = -36dB
-12dB
14
14
14
14
14
14
14
13
...
76543210L
111 = +30dB
000 = -42dB
-12dB
14
14
14
14
14
14
14
14
...
876543210
Table 4. 15-bit Mixer Output Alignment into the 22-bit SHIFT-UP Based On EXP.d
d. The numbers in the center of the table represent the mixer output bits. ‘L’ represents a logic low.
0
1x27
2x27
3x27
4x27
5x27
6x27
7x27
8x27
Integrator Output
0
1
2
3
4
5
6
7
The min integrator
output must be
limited to 0 so that
the sign of AGAIN
is positive
For this range to be
the same size as all
others, the max
integrator output must
be limited to 8x27-1=210-1
Figure 38. AGC integrator output limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com