Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5903 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5903
Description  Dual Digital Tuner / AGC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5903 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button CLC5903 Datasheet HTML 8Page - National Semiconductor (TI) CLC5903 Datasheet HTML 9Page - National Semiconductor (TI) CLC5903 Datasheet HTML 10Page - National Semiconductor (TI) CLC5903 Datasheet HTML 11Page - National Semiconductor (TI) CLC5903 Datasheet HTML 12Page - National Semiconductor (TI) CLC5903 Datasheet HTML 13Page - National Semiconductor (TI) CLC5903 Datasheet HTML 14Page - National Semiconductor (TI) CLC5903 Datasheet HTML 15Page - National Semiconductor (TI) CLC5903 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
www.national.com
12
Detailed Description
Control Interface
The CLC5903 is configured by writing control information
into 148 control registers within the chip. The contents of
these control registers and how to use them are described
under Control Register Addresses and Defaults on page 21.
The registers are written to or read from using the D[7:0],
A[7:0], CE, RD and WR pins (see Table for pin descrip-
tions). This interface is designed to allow the CLC5903 to
appear to an external processor as a memory mapped
peripheral. See Figure 15 for details.
The control interface is asynchronous with respect to the
system clock, CK (CK = CKA + CKB). This allows the regis-
ters to be written or read at any time. In some cases this
might cause an invalid operation since the interface is not
internally synchronized. In order to assure correct operation,
SI must be asserted after the control registers are written.
The D[7:0], A[7:0], WR, RD and CE pins should not be
driven above the positive supply voltage.
Master Reset
A master reset pin, MR, is provided to initialize the CLC5903
to a known condition and should be strobed after power up.
This signal will clear all sample data and all user pro-
grammed data (filter coefficients and AGC settings). All out-
puts will be disabled (tri-stated). ASTROBE and BSTROBE
will be asserted to initialize the DVGA values. Control Regis-
ter Addresses and Defaults on page 21 describes the control
register default values.
Synchronizing Multiple CLC5903 Chips
A system containing two or more CLC5903 chips will need to
be synchronized if coherent operation is desired. To synchro-
nize multiple CLC5903 chips, connect all of the sync input
pins together so they can be driven by a common sync
strobe. Synchronization occurs on the rising edge of CKA|B
when SI goes back high. When SI is asserted all sample
data will be flushed immediately, the numerically controlled
oscillator (NCO) phase offset will be initialized, the NCO
dither generators will be reset, and the CIC decimation ratio
will be initialized. Only the configuration data loaded into the
microprocessor interface remains unaffected.
SI may be held low as long as desired after a minimum of 4
CK periods.
Input Source
The input crossbar switch allows either AIN, BIN, or a test
register to be routed to the channel A or channel B AGC/
DDC. The AGC outputs, AG AIN and BG AIN , are not
switched. If AIN and BIN are exchanged the AGC loop will be
open and the AGCs will not function properly. AIN and BIN
should meet the timing requirements shown in Figure 7.
Selecting the test register as the input source allows the
AGC or DDC operation to be verified with a known input. See
the test and diagnostics section for further discussion.
Down Converters
A detailed block diagram of each DDC channel is shown in
Figure 16. Each down converter uses a complex NCO and
mixer to quadrature downconvert a signal to baseband. The
“FLOAT TO FIXED CONVERTER” treats the 15-bit mixer out-
put as a mantissa and the AGC output, EXP, as a 3-bit expo-
nent. It performs a bit shift on the data based on the value of
EXP. This bit shifting is used to expand the compressed
dynamic range resulting from the DVGA operation. The
DVGA gain is adjusted in 6dB steps which are equivalent to
each digital bit shift.
Digitally compensating for the DVGA gain steps in the
CLC5903 causes the DDC output to be linear with respect to
the DVGA input. The AGC operation will be completely trans-
parent at the CLC5903 output.
The exponent (EXP) can be forced to its maximum value by
setting the EXP_INH bit. If
is the DDC input, the sig-
nal after the “FLOAT TO FIXED CONVERTER” is
(1)
for the I component. Changing the ‘cos’ to ‘sin’ in this equa-
tion will provide the Q component.
The “FLOAT TO FIXED CONVERTER” circuit expands the
dynamic range compression performed by the DVGA. Sig-
nals from this point onward extend across the full dynamic
range of the signals applied to the DVGA input. This allows
the AGC to operate continuously through a burst without pro-
ducing artifacts in the signal due to the settling response of
the decimation filters after a 6dB DVGA gain adjustment. For
example, if the DVGA input signal were to increase causing
the ADC output level to cross the AGC threshold level, the
gain of the DVGA would change by -6dB. The 6dB step is
allowed to propagate through the ADC and mixers and is
compensated out just before the filtering. The accuracy of
NCO
FREQ_A
PHASE_A
Data @ FCK
EXPONENT
EXP
14
3
22
22
21
21
EXP
TO
OUTPUT
CIRCUIT
17
17
21
21
15
15
Figure 16. CLC5903 Down Converter, Channel A (Channel B is identical)
SIN
COS
I
Q
(from AGC)
x3 n
()
xin n
()
MUXA
= FS (FSAMPLE)
Data @ FCK/N
Data @ FCK/N*2
Data @ FCK/N*2*F2_DEC
= OFS (Output FSAMPLE)
N = DEC + 1
x
in n
()
x
3 n
() x
in n
()
ωn
()
cos
•
2
EXP
•
=
Detailed Description (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com