Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5903 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5903
Description  Dual Digital Tuner / AGC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5903 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CLC5903 Datasheet HTML 1Page - National Semiconductor (TI) CLC5903 Datasheet HTML 2Page - National Semiconductor (TI) CLC5903 Datasheet HTML 3Page - National Semiconductor (TI) CLC5903 Datasheet HTML 4Page - National Semiconductor (TI) CLC5903 Datasheet HTML 5Page - National Semiconductor (TI) CLC5903 Datasheet HTML 6Page - National Semiconductor (TI) CLC5903 Datasheet HTML 7Page - National Semiconductor (TI) CLC5903 Datasheet HTML 8Page - National Semiconductor (TI) CLC5903 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
www.national.com
4
tMRSU
MR Setup Time to CKA|B (Figure 5)
6
ns
tMRH
MR Hold Time to CKA|B (Figure 5)
2
ns
tSISU
SI Setup Time to CKA|B (Figure 6)
6
ns
tSIH
SI Hold Time from CKA|B (Figure 6)
2
ns
tSIW
SI Pulse Width (Figure 6)
4
CK periods
tCKDC
CKA|B duty cycle (Figure 7)
40
60
%
tRF
CKA|B rise and fall times (VIL to VIH) (Figure 7)
2ns
tSU
Input setup before CKA|B goes high (A|BIN) (Figure 7)
3
ns
tHD
Input hold time after CKA|B goes high (A|BIN) (Figure 7)
1
ns
tCKL
Minimum time low for CK = CKA | CKB (Figure 8)
3.1
ns
tSTIW
A|BSTROBE Inactive Pulse Width (Figure 9)
2
CK period
tGSTB
A|BGAIN setup before A|BSTROBE (Figure 9)
6
ns
tSFSV
SCK to SFS Valid (Note 3) (Figure 10)
-1
5
ns
tOV
SCK to A|BOUT Valid (Note 4) (Figure 10)
-1
5
ns
tRDYW
RDY Pulse Width (Figure 10)
2
CK periods
tRDYV
SCK to RDY valid (Figure 10)
-1
5
ns
tOENV
POUT_EN Active to POUT[15..0] Valid (Figure 11)
12
ns
tOENT
POUT_EN Inactive to POUT[15..0] Tri-State (Figure 11)
10
ns
tSELV
PSEL[2..0] to POUT[15..0] Valid (Figure 12)
13
ns
tPOV
RDY to POUT[15..0] New Value Valid (Note 5) (Figure 13)
7
ns
tJPCO
Propagation Delay TCK to TDO (Figure 14)
25
ns
tJSCO
Propagation Delay TCK to Data Out (Figure 14)
35
ns
tJPDZ
Disable Time TCK to TDO (Figure 14)
25
ns
tJSDZ
Disable Time TCK to Data Out (Figure 14)
35
ns
tJPEN
Enable Time TCK to TDO (Figure 14)
0
25
ns
tJSEN
Enable Time TCK to Data Out (Figure 14)
0
35
ns
tJSSU
Setup Time Data to TCK (Figure 14)
10
ns
tJPSU
Setup Time TDI, TMS to TCK (Figure 14)
10
ns
tJSH
Hold Time Data to TCK (Figure 14)
45
ns
tJPH
Hold Time TCK to TDI, TMS (Figure 14)
45
ns
tJCH
TCK Pulse Width High (Figure 14)
50
ns
tJCL
TCK Pulse Width Low (Figure 14)
40
ns
JTAGFMAX
TCK Maximum Frequency (Figure 14)
10
MHz
tCSU
Control Setup before the controlling signal goes low (Figure 15)
5
ns
tCHD
Control hold after the controlling signal goes high (Figure 15)
5
ns
AC Characteristics (Continued)
(FS=78MHz, CIC Decimation=48, F2 Decimation=2; unless specified)
Symbol
Parameter (CL=50pF)
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com