Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5903 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5903
Description  Dual Digital Tuner / AGC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5903 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button CLC5903 Datasheet HTML 14Page - National Semiconductor (TI) CLC5903 Datasheet HTML 15Page - National Semiconductor (TI) CLC5903 Datasheet HTML 16Page - National Semiconductor (TI) CLC5903 Datasheet HTML 17Page - National Semiconductor (TI) CLC5903 Datasheet HTML 18Page - National Semiconductor (TI) CLC5903 Datasheet HTML 19Page - National Semiconductor (TI) CLC5903 Datasheet HTML 20Page - National Semiconductor (TI) CLC5903 Datasheet HTML 21Page - National Semiconductor (TI) CLC5903 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
www.national.com
18
rate of 270.833kHz. An OSP starts when a sample is ready
and stops when the next one is ready.
Serial Outputs
The CLC5903 provides a serial clock (SCK), a frame strobe
(SFS) and two data lines (AOUT and BOUT) to output serial
data. The MUX_MODE control register specifies whether the
two channel outputs are transmitted on two separate serial
pins, or multiplexed onto one pin in a time division multi-
plexed (TDM) format. Separate output pins are not provided
for the I and Q halves of complex data. The I and Q outputs
are always multiplexed onto the same serial pin. The I-com-
ponent is output first, followed by the Q-component. By set-
ting the PACKED mode bit to ‘1’ a complex pair may be
treated as a single double-wide word. The RDY signal is
used to identify the first word of a complex pair of the TDM
formatted output when the SFS_MODE bit is set to ‘0’. Set-
ting SFS_MODE to ‘1’ causes the CLC5903 to output a sin-
gle SFS pulse for each output period. This SFS pulse will be
coincident with RDY and only a single SCK period wide. The
TDM modes are summarized in Table 1.
The serial outputs use the format shown in Figure 30. Figure
30(a) shows the standard output mode (the PACKED mode
bit is low). The chip clocks the frame and data out of the chip
on the rising edge of SCK (or falling edge if the SCK_POL bit
in the input control register is set high). Data should be cap-
tured on the falling edge of SCK (rising if SCK_POL=1). The
SFS_MODE
MUX_MODE
SERIAL OUTPUTS
AOUT
BOUT
0
0
OUTA
OUTB
1
OUTA, OUTB LOW
1
0
OUTA
OUTB
1
OUTA, OUTB LOW
Table 1. TDM Modes
SCK
SFS
AOUT
I15
I14
I1
I0
Q15
Q14
(a) UNPACKED MODE, FRAME SYNC AT THE START OF EACH WORD
SCK
SFS
AOUT
I15
I14
I1
I0
Q15
Q14
(b) PACKED MODE, ONE FRAME SYNC AT THE START OF EACH DOUBLE-WORD TRANSFER
clock stops and data is zero after transfers are complete
RDY
(c) ONE OR TWO CHANNEL MUX AND SFS MODES (PACKED MODE IS ON)
SFS
A|BOUT
AOUT
MUX_MODE=0, SFS_MODE=0|1
MUX_MODE=1, SFS_MODE=0
Output Sample Period (OSP)
Q1
Q0
Q1
Q0
IA
QA
SFS
IA
QA
IB
QB
IA
QA
IB
QB
IA
QA
SCK
SFS
AOUT
mI7
eI3
eI0
eQ3
(d) FLOATING POINT FORMAT
eQ0
mQ0
mI0
mQ7
leading edge of RDY aligns with leading edge of SFS
Figure 30. Serial output formats. Refer to Figure 10 for detailed timing information
RDY is 2 CK periods wide
mI6
eI2
clock stops and data is zero after transfers are complete
clock stops and data is zero after transfers are complete
SFS
AOUT
MUX_MODE=1, SFS_MODE=1
IA
QA
IB
QB
IA
QA
IB
QB
Output Modes (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com