Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5903 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5903
Description  Dual Digital Tuner / AGC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5903 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button CLC5903 Datasheet HTML 3Page - National Semiconductor (TI) CLC5903 Datasheet HTML 4Page - National Semiconductor (TI) CLC5903 Datasheet HTML 5Page - National Semiconductor (TI) CLC5903 Datasheet HTML 6Page - National Semiconductor (TI) CLC5903 Datasheet HTML 7Page - National Semiconductor (TI) CLC5903 Datasheet HTML 8Page - National Semiconductor (TI) CLC5903 Datasheet HTML 9Page - National Semiconductor (TI) CLC5903 Datasheet HTML 10Page - National Semiconductor (TI) CLC5903 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
7
www.national.com
AOUT
BOUT
82
78
G12
G10
SERIAL OUTPUT DATA, Active high
The 2’s complement serial output data is transmitted on these pins, MSB first. The
output bits change on the rising edge of SCK (falling edge if SCK_POL=1) and should
be captured on the falling edge of SCK (rising if SCK_POL=1). These pins are
tri-stated at power up and are enabled by the SOUT_EN control register bit. See Fig-
ure 10 and Figure 30 timing diagrams. In Debug Mode AOUT=DEBUG[1],
BOUT=DEBUG[0].
AGAIN[2:0],
BGAIN[2:0]
125:127
40:42
D4,A3,D5
J5,L4,M3
OUTPUT DATA TO DVGA, Active high
3 bit bus that sets the gain of the DVGA determined by the AGC circuit.
ASTROBE,
BSTROBE
124
43
C4
K5
DVGA STROBE, Active low
Strobes the data into the DVGA. See Figure 9 and Figure 35 timing diagrams.
SCK
80
H11
SERIAL DATA CLOCK, Active high or low
The serial data is clocked out of the chip by this clock. The active edge of the clock is
user programmable. This pin is tri-stated at power up and is enabled by the SOUT_EN
control register bit. See Figure 10 and Figure 30 timing diagrams. In Debug Mode out-
puts an appropriate clock for the debug data. If RATE=0 the input CK duty cycle will
be reflected to SCK.
SCK_IN
99
B11
SERIAL DATA CLOCK INPUT, Active high or low
Data bits from a serial daisy-chain slave are clocked into a serial daisy-chain master
on the falling edge of SCK_IN (rising if SCK_POL=1 on the slave). Tie low if not used.
SFS
81
F9
SERIAL FRAME STROBE, Active high or low
The serial word strobe. This strobe delineates the words within the serial output
streams. This strobe is a pulse at the beginning of each serial word (PACKED=0) or
each serial word I/Q pair (PACKED=1). The polarity of this signal is user programma-
ble. This pin is tri-stated at power up and is enabled by the SOUT_EN control register
bit. See Figure 10 and Figure 30 timing diagrams. In Debug Mode SFS=DEBUG[2].
POUT[15:0]
84,86:88,
90,91,
93:97,104:
106,
108,109
F12,F10,
E11,E12,
D11,D12,
E9,C12,D9,
C11,B12,
B9,A10,C8,
D7,C7
PARALLEL OUTPUT DATA, Active high
The output data is transmitted on these pins in parallel format. The POUT_SEL[2..0]
pins select one of eight 16-bit output words. The POUT_EN pin enables these out-
puts. POUT[15] is the MSB. In Debug Mode POUT[15..0]=DEBUG[19..4].
POUT_SEL[2:0]
112:114
D6,A7,B7
PARALLEL OUTPUT DATA SELECT, Active high
The 16-bit output word is selected with these 3 pins according to Table 2. Not used in
Debug Mode. For a serial daisy-chain master, POUT_SEL[2:0] become inputs from
the slave: POUT_SEL[2]=SFSSLAVE, POUT_SEL[1]=BOUTSLAVE, and
POUT_SEL[0]=AOUTSLAVE. Tie low if not used.
POUT_EN
111
B8
PARALLEL OUTPUT ENABLE. Active low
This pin enables the chip to output the selected output word on the POUT[15:0] pins.
Not used in Debug Mode. Tie high if not used.
RDY
77
G9
READY FLAG, Active high or low
The chip asserts this signal to identify the beginning of an output sample period
(OSP). The polarity of this signal is user programmable. This signal is typically used
as an interrupt to a DSP chip, but can also be used as a start pulse to dedicated cir-
cuitry. This pin is active regardless of the state of SOUT_EN. In Debug Mode
RDY=DEBUG[3].
CKA,
CKB
20,
38
F2
K4
INPUT CLOCK. Active high
The clock inputs to the chip. The corresponding AIN and BIN signals are clocked into
the chip on the rising edge of this signal. CKA and CKB are OR’d together on chip to
create the CK signal. SI is clocked into the chip on the rising edge of CK. Tie low if not
used.
SI
46
J6
SYNC IN. Active low
The sync input to the chip. The decimation counters, dither, and NCO phase can be
synchronized by SI. This sync is clocked into the chip on the rising edge of CK (CK =
CKA + CKB). Tie this pin high if external sync is not required. All sample data is
flushed by SI. To properly initialize the DVGA ASTROBE and BSTROBE are asserted
during SI.
Pin Descriptions (Continued)
Signal
PQFP Pin
FBGA Pin
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com