Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC5903 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5903
Description  Dual Digital Tuner / AGC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5903 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC5903 Datasheet HTML 1Page - National Semiconductor (TI) CLC5903 Datasheet HTML 2Page - National Semiconductor (TI) CLC5903 Datasheet HTML 3Page - National Semiconductor (TI) CLC5903 Datasheet HTML 4Page - National Semiconductor (TI) CLC5903 Datasheet HTML 5Page - National Semiconductor (TI) CLC5903 Datasheet HTML 6Page - National Semiconductor (TI) CLC5903 Datasheet HTML 7Page - National Semiconductor (TI) CLC5903 Datasheet HTML 8Page - National Semiconductor (TI) CLC5903 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
©2004 National Semiconductor Corporation
DS200286
www.national.com
Revision 1.6
June 2004
N a tio nal Semicond uctor
CLC5903
Dual Digital Tuner / AGC
0
0
General Overview
The CLC5903 Dual Digital Tuner / AGC IC is a two channel
digital downconverter (DDC) with integrated automatic gain
control (AGC). The CLC5903 is a key component in the
Enhanced Diversity Receiver Chipset (EDRCS) which
includes one CLC5903 Dual Digital Tuner / AGC, two
CLC5957 12-bit analog-to-digital converters (ADCs), and two
CLC5526 digitally controlled var iable gain amplifiers
(DVGAs). This system allows direct IF sampling of signals up
to 300MHz for enhanced receiver performance and reduced
system costs.
The CLC5903 is an enhanced replacement for the CLC5902
in the Diversity Receiver Chipset (DRCS). The m ain
improvements relative to the CLC5902 are a 50% increase in
maximum sample rate from 52MHz to 78MHz, a 62%
reduction in power consumption from 760mW to 290mW,
and the added flexibility to independently program filter
coefficients in the two channels. A block diagram for a
DRCS-based narrowband communications system is shown
in Figure 1.
The CLC5903 offers high dynamic range digital tuning and
filtering based on hard-wired digital signal processing (DSP)
technology. Each channel has independent tuning, phase
offset, filter coefficients, and gain settings. Channel filtering
is performed by a series of three filters. The first is a 4-stage
Cascaded Integrator Comb (CIC) filter with a programmable
decim at ion ratio fr om 8 to 20 48. Next t her e a re two
symmetric FIR filters, a 21-tap and a 63-tap, both with
independent programmable coefficients. The first FIR filter
decimates the data by 2, the second FIR decimates by either
2 or 4. Channel filter bandwidth at 52MSPS ranges from
±650kHz down to ±1.3kHz. At 78MSPS, the maximum
bandwidth increases to ±975kHz.
The CLC5903’s AGC controller monitors the ADC output and
controls the ADC input signal level by adjusting the DVGA
setting. AGC threshold, deadband+hysteresis, and the loop
time constant are user defined. Total dynamic range of
greater than 120dB full-scale signal to noise in a 200kHz
bandwidth can be achieved with the Diversity Receiver
Chipset.
Figure 1. Diversity Receiver Chipset Block Diagram
DVGA
IF A
SerialOutA/B
SerialOutB
SCK
SFS
RDY
LC
DVGA
IF B
LC
ParallelOutput[15..0]
ParallelOutputEnable
ParallelSelect[2..0]
CLC5526
CLC5957
CLC5903
CLK
12
8
12
ADC
ADC
SCK_IN
Dual Digital
Tuner/AGC
DAV
DAV
Features
78MSPS Operation
Low Power, 145mW/channel, 52 MHz, Dec=192
Two Independent Channels with 14-bit inputs
Serial Daisy-chain Mode for quad receivers
Greater than 100 dB image rejection
Greater than 100 dB spurious free dynamic range
0.02 Hz tuning resolution
User Programmable AGC with enhanced Power Detector
Channel Filters include a Fourth Order CIC followed by
21-tap and 63-tap Symmetric FIRs
FIR filters process 21-bit Data with 16-bit Programmable
Coefficients
Two independent FIR coefficient memories which can be
routed to either or both channels.
Flexible output formats include 12-bit Floating Point or 8,
16, 24, and 32 bit Fixed Point
Serial and Parallel output ports
JTAG Boundary Scan
8-bit Microprocessor Interface
128 pin PQFP and 128 pin FBGA packages
100% Software compatible with the CLC5902
Pin compatible with the CLC5902 except for VDD voltage
Applications
Cellular Basestations
Satellite Receivers
Wireless Local Loop Receivers
Digital Communications
N


Similar Part No. - CLC5903

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLC5903 TI1-CLC5903 Datasheet
737Kb / 31P
Dual Digital Tuner/AGC
CLC5903SM/NOPB TI1-CLC5903SM/NOPB Datasheet
737Kb / 31P
Dual Digital Tuner/AGC
CLC5903VLA/NOPB TI1-CLC5903VLA/NOPB Datasheet
737Kb / 31P
Dual Digital Tuner/AGC
More results

Similar Description - CLC5903

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL1914 MITEL-SL1914 Datasheet
84Kb / 6P
Satellite Tuner Front End LNA with AGC
logo
National Semiconductor ...
CLC5902 NSC-CLC5902 Datasheet
783Kb / 28P
Dual Digital Tuner/AGC
logo
Zarlink Semiconductor I...
SL1914AKG ZARLINK-SL1914AKG Datasheet
118Kb / 9P
SATELLITE TUNER FRONT END LNA WITH AGC
SL2150D ZARLINK-SL2150D Datasheet
319Kb / 16P
Cable Tuner Front End LNA with AGC
logo
Synaptics Incorporated.
CX24128 CONEXANT-CX24128 Datasheet
1Mb / 2P
Digital Satellite Dual Tuner RF IC
logo
National Semiconductor ...
LM97593 NSC-LM97593 Datasheet
3Mb / 50P
Dual ADC / Digital Tuner / AGC
logo
Infineon Technologies A...
TUA6039-2 INFINEON-TUA6039-2 Datasheet
1Mb / 64P
3 Band Digital / Hybrid Tuner IC with integrated IF AGC amplifier
Revision 2.6, August 2007
TUA6039F-2 INFINEON-TUA6039F-2 Datasheet
1Mb / 62P
3 Band Digital / Hybrid Tuner IC with integrated IF AGC amplifier
Revision 2.0, July 2007
logo
Texas Instruments
CLC5903 TI1-CLC5903 Datasheet
737Kb / 31P
Dual Digital Tuner/AGC
LM97593 TI1-LM97593 Datasheet
4Mb / 62P
Dual ADC / Digital Tuner / AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com