Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM336P Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # DM336P
Description  V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM336P Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button DM336P Datasheet HTML 21Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 22Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 23Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 24Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 25Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 26Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 27Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 28Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
Final
25
Version: DM336P-DS-F02
August 15, 2000
DM6381/82 Pin Description (continued)
Pin No.
Pin Name
I/O
Description
69
/RESET
I
Reset Pin Of DSP Chip, low active.
73
/IRQ0
I
Interrupt 0 Input
74
/IRQ1
I
Interrupt 1 Input
75
/IRQ2
I
Interrupt 2 Input
76
/IRQ3
I
Interrupt 3 Input
91 - 92
TEST, TEST1
I
These three pins define the testing mode operation of
DM6381/DM6382 as followed:
When Test=0
Test1
0, PLL output clock is 89.74MHz.
1, PLL output clock is 80.64MHz.
When Test=1:
Reserved for mass production testing mode.
All these 2 pins are pulled low internally.
96
FR_SP1
I/O
Frame Signal Of Serial Port 1
97
TD_SP1
O
Data Output Pin Of Serial Port 1
The serial data is clocked out through this pin according to the rising
edge of SCLK. The MSB is sent immediately after the falling edge of the
FR_SP1 signal.
98
RD_SP1
I
Data Input Pin Of The Serial Port 1
The serial data is sampled at the falling edge of the SCLK. The MSB is
coming immediately after the falling of FR_SP1 signal.
99
SCLK
I
Reference Clock For Serial Port 1 And Serial Port 2
100
TD_SP2
O
Data Output Pin Of Serial Port 2
The serial data is clocked out through this pin according to the rising
edge of SCLK. The MSB is sent immediately after the falling edge of the
FR_SP2 signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com