Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM336P Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # DM336P
Description  V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM336P Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button DM336P Datasheet HTML 3Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 4Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 5Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 6Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 7Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 8Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 9Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 10Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
Final
7
Version: DM336P-DS-F02
August 15, 2000
DM6383 Pin Description (continued)
Pin No.
Pin Name
I/O
Description
47
P0.0
O
Modem Control Output (memory map is bit 4 of DAA)
53
RXD
I
Controller Serial Port Data Input
54
TXD
O
Controller Serial Port Data Output
55
ALE/P
O
Controller Address Latch Enable:
Output pulse for latching the low byte of the address during
accesses to the external memory.
56
/PSEN
O
Controller Program Store Enable:
This output goes low during a fetch from external program memory.
57
/WR
O
Controller External Data Memory Write Control
58
/RD
O
Controller External Data Memory Read Control
59
IRQ3
O
Interrupt Request (see description of pin 26)
60 - 67
CA15 - CA8
O
Controller Address Bus
69 - 76
CA7 - CA0
O
Controller Address Bus
77 - 84
D7 - D0
I/O
Controller Data Bus
86
TXRCLK
I
Transmitter Baud Rate Clock Input (Controller INT 0)
87
RXRCLK
I
Receiver Baud Rate Clock Input (Controller INT 1)
88
/POR
O
DSP Reset Output
89, 90
SEL1, SEL2
O
Modem Control Output (Memory map is bit 1-2 of DAA at memory
address D000H)
91 - 94
A12 - A15
I
System Address:
These signals are connected to the bus of the PC I/O slot. They are
used to select the DM6383 I/O ports.
95
/PNPEN
I
PnP Mode Enable:
This pin will be detected to enable/disable the PnP mode. When it
is pulled down by a resistor (3.3K ~ 4.7K), the DM6383 can enter
the PnP mode when it receives the PnP initial key sequence. When
disconnected, an internal pull up will disable the Plug and Play
function.
97
/TUCS
O
TX DSP Register Select Output:
Memory address mapping of the controller is F000H.
98
PS1
O
Modem Control Port Select Output:
Memory address mapping of the controller is D800H.
99
TEST1
I
Test Pin: Used for system configuration and test mode
TEST2
0
0
1
1
TEST1
0
1
0
1
System Configuartion
Internal mode
External mode
Test mode
Test mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com