Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM336P Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # DM336P
Description  V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM336P Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button DM336P Datasheet HTML 28Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 29Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 30Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 31Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 32Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 33Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 34Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 35Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
32
Final
Version: DM336P-DS-F02
August 15, 2000
DM6380 Absolute Maximum Ratings*
*Comments
Power supply voltage ......................... -0.5V to +7.0V
Case operating temperature.................. 0
o
C to 85
o
C
Storage temperature ........................ -65
o
C to 150
o
C
Applied voltage on any pin .......................................
.......................................... -0.5V
≤ VIN ≤ VDD+0.5V
Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only. Functional
operation of this device at these or any other
conditions above those indicated in the operational
section of this specification is not implied or intended.
Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
DM6380 DC Electrical Characteristics (VDD = 5V, Tc = 0
o
C to 85
o
C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
VDD
Operating Voltage
4.75
5
5.25
V
VCM
Output Common Mode Voltage
2.5
V
IDD
Supply Current
25
mA
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.2
V
VOL
Output Low Voltage
0.4
V
VOH
Output High Voltage
2.4
V
II
Input Current
-10
±1
10
µA
VI=VDD or VI=GND
CIN
Input Capacitance
5
pF
VREF
Differential Reference Voltage
Output
1.922.1
V
VCMD_OU
T
Output Common Mode Offset
-200
200
mV
=(TxA1+TxA2)/2-VCM
VDIF_OUT
Differential Output Voltage
3
*VREF
3
*VREF
V
TxA1-TxA2
≤ 3*VREF
VOFF_OU
T
Differential Output DC Offset
Voltage
-100
100
mV
VDC (TXA1)-VDC (TXA2)
RIN
Input Resistance RxIN
100
k
Ω
ROUT
Output Resistance TxA1, TxA2,
SPKR
12
k
Ω
RL
Load Resistance TxA1, TxA2,
SPKR
20
k
Ω
CL
Load Capacitance TxA1, TxA2,
SPKR
50
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com