Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM336P Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # DM336P
Description  V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM336P Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button DM336P Datasheet HTML 6Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 7Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 8Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 9Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 10Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 11Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 12Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 13Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
10
Final
Version: DM336P-DS-F02
August 15, 2000
c. Interrupt Identification Register (IIR): Address 2
Reset State 01h, Read only
bit7
bit6 bit5 bit4 bit3
bit2
bit1
bit0
FIFO
Enable
000
D3:
INTD2
D2:
INTD1
D1:
INTD0
D0:
int
Pending
In order to provide minimum software overhead
during data transfers, the virtual UART prioritizes
interrupts into four levels as followed: Receiver Line
Status (priority 1), Receiver Data Available (priority 2),
Character Timeout Indication (priority 2, FIFO mode
only), Transmitter Holding Register Empty (priority 3 ),
and Modem Status (priority 4).
The IIR register gives prioritized information as to the
status of interrupt conditions. When accessed, the IIR
indicates the highest priority interrupt that is pending,
as indicated by bits INTD(2-0).
Bit 0: This bit can be used in either a prioritized
interrupt or polled environment to indicate
whether an interrupt is pending. When this bit is
a logic 0, an interrupt is pending, and the IIR
contents may be used as a pointer to the
appropriate interrupt service routine. When bit 0
is a logic 1, no interrupt is pending, and polling
(if used) continues.
Bit 1-2: These two bits of the IIR are used to identify
the highest priority interrupt pending, as
indicated in the table below.
Bit 3: In character mode, this bit is 0. In FIFO mode,
this bit is set, along with bit 2, when a timeout
interrupt is pending.
Bit 4-6: Not used
Bit 7: This bit is set when FCR0 = 1.
D3 D2
D1
D0 Priority Level
Interrupt Type
Condition
Reset
00
0
1
-
-
-
-
0
1
1
0
Highest
Receiver Line
Status
Overrun Error, Parity
Error, Framing Error or
Break Interrupt
Reads the Line Status
Register
0
1
0
0
Second
Receiver Data
Available
Receiver Data Available
or Trigger Level Reached
Reads the Receiver
Buffer Register or the
FIFO Drops Below The
Threshold Value
1
1
0
0
Second
Character
Timeout
Indication
No characters have been
read from or written to the
Rx FIFO during
programming time
interval, and the Rx FIFO
is not empty
Reads The Receiver
Buffer Register
0
0
1
0
Third
Transmitter
Holding Register
Empty
Transmitter Holding
Register Empty
Reads the IIR Register or
(if source of interrupt)
Writes To The Transmitter
Holding Register
0
0
0
0
Fourth
Modem Status
Clear to Send, Data Set
Ready, Ring Indicator or
Data Carrier Detected
Reads the Modem Status
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com