Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM336P Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DM336P
Description  V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM336P Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DM336P Datasheet HTML 1Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 2Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 3Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 4Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 5Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 6Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 7Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 8Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
Final
1
Version: DM336P-DS-F02
August 15, 2000
General Description
The DM336P integrated modem is a four chipset
design that provides a complete solution for state-of-
the-art, voice-band Plain Old Telephone Service
(POTS) communication. The modem provides for
Data (up to 33,600bps), Fax (up to 14,400bps), Voice
and Full Duplex Speaker-phone functions to comply
with various international standards.
The design of the DM336P is optimized for desktop
personal computer applications and it provides a low
cost, highly reliable, maximum integration, with the
minimum amount of support required. The DM336P
modem can operate over a dial-up network (PSTN) or
2 wire leased lines.
The modem integrates auto dial and answer
capabilities, synchronous and asynchronous data
transmissions, serial and parallel interfaces, various
tone detection schemes and data test modes.
The DM336P modem’s reference design is pre-
approved for FCC part 68 and provides minimum
design cycle time, with minimum cost to insure the
maximum amount of success.
The simplified modem system, shown in figure below,
illustrates the basic interconnection between the
MCU, DSP, AFE and other basic components of a
modem. The individual elements of the DM336P are:
• DM6380 Analog Front End (AFE). 28-pin PLCC
package
• DM6381 ITU-T V.34 Transmit Digital Signal
Processor (TX DSP). 100-pin QFP package
• DM6382 ITU-T V.34 Receive Digital Signal
Processor (RX DSP). 100-pin QFP package
• DM6383 Modem Controller (MCU) built in Plug &
Play (PnP). 100-pin QFP package
Block Diagram
LED
‘‰†‹†
Micro
Controller
Unit
‘‰†‹„
TX DSP
Ring
Detector
‘‰†‹ƒ
Analog
Font End
TxD
RxD
MSCLK
Address &
Data Bus
SCLK
DIT
DOT
TFS
DIR
DOR
RFS
TxBCLK
TxSCLK*2
RxBCLK
RxSCLK
20.16MHz
TxDCLK
RxDCLK
40.32MHz
DAA
RxIN
TxA1
TxA2
Line
Speaker
Driver
ISA Bus
‘‰†‹…
RX DSP
V.24
Interface
V.24
Interface
PnP
SPKR
Microphone
Driver


Similar Part No. - DM336P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DM330012 MICROCHIP-DM330012 Datasheet
8Mb / 20P
16-bit Embedded Control Solutions
11/27/12
DM330013 MICROCHIP-DM330013 Datasheet
8Mb / 20P
16-bit Embedded Control Solutions
11/27/12
DM330013-2 MICROCHIP-DM330013-2 Datasheet
8Mb / 20P
16-bit Embedded Control Solutions
11/27/12
DM330021 MICROCHIP-DM330021 Datasheet
415Kb / 12P
dsPIC33CK256MP508 Motor Control Plug-In Module (PIM) Information Sheet for Internal Op Amp Configuration
DM330021 MICROCHIP-DM330021 Datasheet
315Kb / 6P
dsPIC33EP256MC506 Plug-In Module (PIM) Information Sheet for External Op Amp Configuration
More results

Similar Description - DM336P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM562AP ETC1-DM562AP Datasheet
489Kb / 48P
V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
RCV336DPEL ETC1-RCV336DPEL Datasheet
1Mb / 17P
V.34 Data V.17 Fax, AudioSpan, Voice, Speakerphone, Modem Data Pump
RCV336DPI ETC1-RCV336DPI Datasheet
992Kb / 14P
V.34 Data V.17 Fax, Modem Data Pump
RC288ACL ETC1-RC288ACL Datasheet
5Mb / 69P
Intergrated V.34 Data/V.17 Fax/Voice Modem Device Set Family
RC288DPL ETC1-RC288DPL Datasheet
3Mb / 46P
V.34 Data/V.17 Fax/Voice Modem Data Pumps
DM560P ETC1-DM560P Datasheet
242Kb / 43P
V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
RC96V24DP ETC2-RC96V24DP Datasheet
1Mb / 34P
Single Device Data/Fax Modem Data Pump
logo
Davicom Semiconductor, ...
DM562AP DAVICOM-DM562AP_07 Datasheet
1Mb / 48P
V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
DM562P DAVICOM-DM562P_04 Datasheet
1,001Kb / 48P
V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
DM562P DAVICOM-DM562P Datasheet
1,001Kb / 48P
V.90 Integrated Data/ Fax/Voice/Speakerphone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com