Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM336P Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DM336P
Description  V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM336P Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DM336P Datasheet HTML 1Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 2Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 3Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 4Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 5Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 6Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 7Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 8Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
Final
3
Version: DM336P-DS-F02
August 15, 2000
Features
• Compatibility
- ITU-T V.34 (33600 to 2400 bps)
- CCITT V.32bis (14400, 12000, 9600, 7200,
4800bps)
- CCITT V.32 (9600, 7200, 4800bps)
- CCITT V.22bis (2400, 1200bps)
- CCITT V.22 (1200bps)
- CCITT V.23 (1200/75bps)
- Bell 212A (1200bps)
- Bell 103 (300bps)
- CCITT V.17 (14400, 12000, 7200bps)
- CCITT V.29
(9600, 7200bps)
- CCITT V.27ter (4800, 2400bps)
- CCITT V.21 Channel 2 (300bps)
• Data Error Correction
- MNP Class 2, 3 & 4
- CCITT V.42 LAMP
• Data Compression
- MNP Class5
- CCITT V.42bis
- Voice compression
- 2 and 4 bit ADPCM voice compression
• DTE Interface
- DTE speed up to 115200bps
- Serial V.24 (EIA-232-D)
• Enhanced “AT” command set and S registers
• Caller identification (Caller ID) support
• Full duplex speakerphone (Telephone Emulation)
• 16 Bits over-sampling codec
• Selectable world wide call progress tone detection
• Compromise and adaptive equalizer providing
channel impairment compensation
• The channel impairment compensation
• Plug and Play (PnP) support
• Integrated UART 16550
• Enhanced 8031 compatible micro-controller
• 8 selectable interrupts
• Parallel and serial interfaces supported
- 6-, 7- and 8- bit character support
- Even, odd, mark and none parity detection and
generation
- 1 and 2 stop bit support
- Auto DTE data speed detection through ”AT”
• Access up to 128K bytes external program memory
• Access up to 64K bytes external data memory
• NVRAM to store two user configurable, switchable
profiles and three programmable telephone
numbers
• Full duplex data mode test capabilities
- Analog loop test
Chipset
The DM336P integrated modem device set contains 4 VLSI devices as described below:
• DM6383 Modem Controller Unit with PnP for ISA (MCU)
• DM6380 Analog Front End (AFE)
• DM6381 ITU-T V.34 Transmit Digital Signal Processor (TX DSP)
• DM6382 ITU-T V.34 Receive Digital Signal Processor (RX DSP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com