Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM336P Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # DM336P
Description  V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM336P Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button DM336P Datasheet HTML 23Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 24Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 25Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 26Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 27Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 28Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 29Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 30Page - List of Unclassifed Manufacturers DM336P Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
DM336P
V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
Final
27
Version: DM336P-DS-F02
August 15, 2000
DM6381/82 DC Electrical Characteristics (VDD = 5V, GND = 0V; Tc = 0
o
C to 85
o
C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
VDD
Operating Voltage
4.75
5.0
5.25
V
IDD
Operating Current
85
100
mA
VIH
Input High Voltage
2.2
V
VIL
Input Low Voltage
+0.8
V
ILI
Input Leakage Current
-10
10
uA
VIN = 0, 5.25V
VOH
Output High Voltage
2.4
V
IOH = 2.5mA
VOL
Output Low Voltage
+0.4
V
IOL = 2.5mA
DM6381/82 AC Electrical Characteristics
(VDD = 5V, GND = 0V; Tc = 0
o
C to 85
o
C, PLL out frequency = 90MHz, CL = 50pF)
a. Serial Port Timing
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
1
SCLK Period
49
ns
2
SCLK Low Width
20
ns
3
SCLK High Width
20
ns
4
SCLK Rise Time
5
ns
5
SCLK Fall Time
5
ns
6
Frame Delay Time
20
ns
7
Frame To SCLK Hold
17
ns
8
RD Valid Before SCLK Low
5
ns
9
RD Hold Time
15
ns
10
TD Delay Time
20
ns
1
23
4
5
6
7
89
First Bus
First Bus
Last Bus
Last Bus
Hiz
11
10
SCLK
FR_SP1
FR_SP2
RD_SP1
RD_SP2
TD_SP1
TD_SP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com