Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPPS-27-XE-R3-CDFB Datasheet(PDF) 5 Page - Source Photonics, Inc.

Part # SPPS-27-XE-R3-CDFB
Description  Sleep Mode for Power Consumption
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPPS-27-XE-R3-CDFB Datasheet(HTML) 5 Page - Source Photonics, Inc.

  SPPS-27-XE-R3-CDFB Datasheet HTML 1Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 2Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 3Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 4Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 5Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 6Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 7Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 8Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
SPPS-27-XE-R3-CDFB
DS-6306 Rev 09 2012-09-19
Figure 1, Timing Parameter Definition in Burst Mode Sequence
Diagnostic
Table 6 – Diagnostic
Address
Parameter
Range
Accuracy
Unit
Calibration
Notes
96
Temperature
-5 to70
±3
°C
Internal
LSB equal to 1/256C
98
Voltage
0 to Vcc
±3%
V
Internal
LSB equal to 100uV
100
Bias Current
0 to 100(notes)
±10%
mA
Internal
LSB equal to 4uA
102
Tx Power
3 to 9
±3
dB
Internal
LSB equal to 0.4uW
104
Rx Power
-31 to -10
±3
dB
Internal
LSB equal to 0.1uW
Notes: only for continuous mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com