Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPPS-27-XE-R3-CDFB Datasheet(PDF) 1 Page - Source Photonics, Inc.

Part # SPPS-27-XE-R3-CDFB
Description  Sleep Mode for Power Consumption
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPPS-27-XE-R3-CDFB Datasheet(HTML) 1 Page - Source Photonics, Inc.

  SPPS-27-XE-R3-CDFB Datasheet HTML 1Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 2Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 3Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 4Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 5Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 6Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 7Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 8Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
SPPS-27-XE-R3-CDFB
DS-6306 Rev 09 2012-09-19
Features
Support IEEE 802.3av™-2009 10GBASE-PR30
Power budget
1270nm Burst-Mode Transmitter with DFB Laser
1577nm
Continuous-Mode
Receiver
with
APD-TIA
Sleep Mode for Power Consumption
Compliant with SFP+ MSA SFF-8431
Compliant Digital Diagnostic SFF-8472
Single 3.3V Power Supply
Simplex SC Connector Bi-directional
Telcordia GR-468 Compliant
Operating case temperature: -5℃-+70℃
RoHS compliance
Regulatory Compliance
Table 1 - Regulatory Compliance
Feature
Standard
Performance
Electrostatic Discharge
(ESD) to the Electrical Pins
MIL-STD-883E
Method 3015.7
Class 1(>500 V)
Electromagnetic
Interference (EMI)
FCC Part 15 Class B
EN55022 Class B (CISPR 22B)
VCCI Class B
Compatible with standards
Immunity
IEC 61000-4-3
Compatible with standards
Laser Eye Safety
FDA 21CFR 1040.10 and 1040.11
EN60950, EN (IEC) 60825-1,2
Compatible with Class1 laser
product.
Component Recognition
UL and CSA
Compliant with standards
RoHS
2011/65/EU
Compliant with standards
note
Note:
In light of item 5 in Annex of 2011/65/EU, “Pb in the glass of cathode ray tubes, electronic components and
fluorescent tubes.” and item 13 in Annex of 2005/747/EC, “Lead and cadmium in optical and filter glass.”, the
two exemptions are being concerned for Source Photonics transceivers, because Source Photonics
transceivers use glass, which may contain Pb, for components such as lenses, windows, isolators, and other
electronic components.


Similar Part No. - SPPS-27-XE-R3-CDFB

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SPPS-27-48F-N2-CDFA SOURCE-SPPS-27-48F-N2-CDFA Datasheet
763Kb / 10P
Sleep Mode for Power Consumption
SPPS-27-48F-N2-IDFA SOURCE-SPPS-27-48F-N2-IDFA Datasheet
764Kb / 10P
Sleep Mode for Power Consumption
More results

Similar Description - SPPS-27-XE-R3-CDFB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36C279 NSC-DS36C279 Datasheet
170Kb / 10P
Low Power EIA-RS-485 Transceiver with Sleep Mode
logo
ON Semiconductor
MC33102 ONSEMI-MC33102 Datasheet
300Kb / 14P
DUAL SLEEP-MODE OPERATIONAL AMPLIFIER
1996 REV 0
logo
ATMEL Corporation
ATA6612 ATMEL-ATA6612_10 Datasheet
6Mb / 364P
Very Low Current Consumption in Sleep Mode
ATAR080 ATMEL-ATAR080_14 Datasheet
883Kb / 68P
Very Low Power Consumption in Active, Power-down and Sleep Mode
ATAR080-D ATMEL-ATAR080-D_14 Datasheet
913Kb / 68P
Very Low Power Consumption in Active, Power-down and Sleep Mode
logo
Infineon Technologies A...
TLE9263-3QXV33 INFINEON-TLE9263-3QXV33 Datasheet
7Mb / 199P
Very low quiescent current consumption in Stop- and Sleep Mode
TLE9266-2QX INFINEON-TLE9266-2QX Datasheet
5Mb / 127P
Very low quiescent current consumption in Stop- and Sleep Mode
TLE9266QX INFINEON-TLE9266QX Datasheet
5Mb / 126P
Very low quiescent current consumption in Stop- and Sleep Mode
logo
Source Photonics, Inc.
SPPS-27-48F-N2-CDFA SOURCE-SPPS-27-48F-N2-CDFA Datasheet
763Kb / 10P
Sleep Mode for Power Consumption
SPPS-27-48F-N2-IDFA SOURCE-SPPS-27-48F-N2-IDFA Datasheet
764Kb / 10P
Sleep Mode for Power Consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com