Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPPS-27-XE-R3-CDFB Datasheet(PDF) 4 Page - Source Photonics, Inc.

Part # SPPS-27-XE-R3-CDFB
Description  Sleep Mode for Power Consumption
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPPS-27-XE-R3-CDFB Datasheet(HTML) 4 Page - Source Photonics, Inc.

  SPPS-27-XE-R3-CDFB Datasheet HTML 1Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 2Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 3Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 4Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 5Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 6Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 7Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 8Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
SPPS-27-XE-R3-CDFB
DS-6306 Rev 09 2012-09-19
Electrical Characteristics
Table 5 – Electrical Characteristics
Transmitter
Parameter
Symbol
Min.
Typica
l
Max.
Unit
Notes
Power Supply Current
ICC_TX
-
-
460
mA
Data Input Differential Swing
VIN
400
-
1200
mVp-p
1
Input Differential Impedance
ZIN
90
100
110
Ω
Transmitter Disable Voltage - Low
VTDIS, L
0
0.8
V
2
Transmitter Disable Voltage - High
VTDIS, H
2.0
Vcc
V
Power Down Voltage _Low
V_PDL
0
0.8
Power Down Voltage _High
V_PDH
2.0
VCC
TX Fault Assert Time
T_FAULT_on
-
-
50
ms
TX Fault Reset Time
TX_FAULT_RESET
10
-
-
μs
TX_Disable Assert Time
TX_DISA
10
us
TX_Disable Deassert Time
TX_DISD
10
us
TX Power Down Assert Time
T_PD assert
512
ns
3
Recovery Time following TX Power
Down
following TX Sleep
T_PD recover
512
ns
4
Receiver
Power Supply Current
ICC_RX
200
mA
Data Output Differential Swing
VOUT
600
900
mVP-P
5
Loss of Signal (LOS)Assert Time
TLOSA
-
-
100
μs
Loss of Signal(LOS) Deassert Time
TLOSD
-
-
100
μs
Output
Differentia Impedance
ROUT
80
100
120
Ω
RX-LOS
VOL
0.0
-
0.4
V
VOH
VCC-0.5
VCC
V
Time to Initialize 2-Wire Interface
t-2w-start-up
-
-
300
ms
Time to Initialize
t-start-up
-
-
300
ms
Notes:
1.
Compatible with CML input, AC coupled internally. (See Recommended Interface Circuit)
2.
TX_nBRST (See Pin Function Definitions).
3.
Measured to 10% of final supply current
4.
Measured to 90% of final supply current
5.
CML output, AC coupled internally, guaranteed in the full range of input optical power (-24dBm to
-8dBm) (See Recommended Interface Circuit).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com