Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPPS-27-XE-R3-CDFB Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # SPPS-27-XE-R3-CDFB
Description  Sleep Mode for Power Consumption
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPPS-27-XE-R3-CDFB Datasheet(HTML) 2 Page - Source Photonics, Inc.

  SPPS-27-XE-R3-CDFB Datasheet HTML 1Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 2Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 3Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 4Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 5Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 6Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 7Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 8Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
SPPS-27-XE-R3-CDFB
DS-6306 Rev 09 2012-09-19
Absolute Maximum Ratings
Table 2 - Absolute Maximum Ratings
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Storage Ambient Temperature
TS
-40
-
85
°C
Operating Case Temperature
TC
-5
70
°C
1
Operating Relative Humidity
RH
5
95
%
Power Supply Voltage
VCC
0
4
V
Input Voltage
GND
VCC
V
Receiver Damaged Threshold
+1
dBm
Soldering Temperature
400
°C
3
Note
1: When ambient temperature is above 60°C, airflow at rate higher than 1m/sec is required.
2: Iron soldering only and 10 seconds
Recommended Operating Conditions
Table 3 – Recommended Operating Conditions
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Power Supply Voltage
VCC
3.13
3.3
3.47
V
±5%
Power Supply Current
Icc
-
-
660
mA
Operating Case Temperature
TC
-5
70
°C
1
Inrush Current
IIN-RUSH
-
-
600
mA
2
Data Rate
DR
10.3125
Gbit/s
3
Data Rate Drift
-100
+100
PPM
Note 1: When ambient temperature is above 60°C, airflow at rate higher than 1m/sec is required.
2: MAX duration 500ms
3: PRBS2
31-1
Optical Characteristics
Table 4 – Optical Characteristics
Transmitter
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Centre Wavelength
λC
1260
1270
1280
nm
Spectral Width (-20dB)
Δλ
1
nm
Side Mode Suppression Ratio
SMSR
30
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com