Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPPS-27-XE-R3-CDFB Datasheet(PDF) 7 Page - Source Photonics, Inc.

Part # SPPS-27-XE-R3-CDFB
Description  Sleep Mode for Power Consumption
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPPS-27-XE-R3-CDFB Datasheet(HTML) 7 Page - Source Photonics, Inc.

Back Button SPPS-27-XE-R3-CDFB Datasheet HTML 3Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 4Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 5Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 6Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 7Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 8Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 9Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 10Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 11Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
SPPS-27-XE-R3-CDFB
DS-6306 Rev 09 2012-09-19
For Source Photonics Inc
40-55
16
Vendor PN
53 50 50 53 32 37 58 45
52 33 43 44 46 42 20 20
“SPPS27XER3CDFB” (ASCII)
56-59
4
Vendor Rev
xx xx 20 20
ASCII(“31 30 20 20” means 1.0
Revision)
60-61
2
Wavelength
04 F6
1270nm Laser Wavelength
62
1
Reserved
00
63
1
CC_BASE
xx
Check sum of byte 0-62
64-65
2
Options
00 0A
RX_LOS ,TX_FAULT
66
1
BR, max
00
67
1
BR, min
00
68-83
16
Vendor SN
xx xx xx xx xx xx xx xx
xx xx xx xx xx xx xx xx
ASCII
84-91
8
Date code
xx xx xx xx xx xx 20 20
Year(2
bytes),Month(2
bytes),
Day(2 bytes)
92
1
Diagnostic
Monitoring Type
68
Compliant with SFF-8472 V9.5
Internally Calibrated
Received power measurement type
-Average Power
93
1
Enhanced
Options
F0
Diagnostics (Optional
Alarm/warning flags)
implemented
Soft TX_Disable control and
monitoring implemented
Soft TX_Fault monitoring
implemented
Soft RX_LOS monitoring
implemented
94
1
SFF-8472
Compliance
02
Diagnostics
Compliance(SFF-8472)
95
1
CC_EXT
xx
Check sum of byte 64-94
96-255
64
Vendor Specific
Table 8 –Pin Function Definitions
Pin No.
Logic
Name
Description
1
VEET(1)
Module Ground
2
LVTTL-O
TX_FAULT
(2)
Module Transmitter Fault
3
LVTTL-I
TX_nBRST
Transmitter Burst Control
4
LVTTL-I/O
SDA
2—wire serial Interface Data line
5
LVTTL-I
SCL
2—wire serial Interface Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com