Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPPS-27-XE-R3-CDFB Datasheet(PDF) 8 Page - Source Photonics, Inc.

Part # SPPS-27-XE-R3-CDFB
Description  Sleep Mode for Power Consumption
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPPS-27-XE-R3-CDFB Datasheet(HTML) 8 Page - Source Photonics, Inc.

Back Button SPPS-27-XE-R3-CDFB Datasheet HTML 4Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 5Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 6Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 7Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 8Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 9Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 10Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 11Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 12Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
SPPS-27-XE-R3-CDFB
DS-6306 Rev 09 2012-09-19
6
MOD_ABS
Connect to
VEET OR VEER in the Module
7
LVTTL-O
TX_SD
TX Signal detected
8
LVTTL-O
RX_LOS
(3)
Receiver Loss of Signal Indication(in FC designated as
RX_LOS,in SONET Designated as Los,as in Ethernet
Designated as not Signal Detect )
9
LVTTL-I
PDWN_TX
4
Power saving of Tx side, On/off time less than 1ms, high active,
if not use this feature, main board connection should be NC.
10
VEER
Module Receiver Ground
11
VEER
Module Receiver Ground
12
CML-O
RD-
Receiver inverted Data Output
13
RD+
Receiver Non-inverted Data Output
14
VEER
Module Receiver Ground
15
VCCR
Module Receiver 3.3 Supply
16
VCCT
Module Transmitter 3.3 Supply
17
VEET
Module Transmitter Ground
18
CML-I
TD+
Transmitter Non-inverted Data Input
19
TD-
Transmitter Inverted Data Input
20
VEET
Module Transmitter Ground
Notes:
1. The module ground pin, VeeT and VeeR,shall be isolated from the module case.
2. Shall pulled up with 4.7K-10K ohm to a VccT in the module.
3. This pin is an open collector/drain output pin and shall pulled up with 4.7K-10K ohm to a Host-Vcc on the
host board.
4. Tx Power saving function timing: Tx_Sleep
TX_Burst
TX_Sleep
TX_Burst_Off
TX_Sleep_On
1ms
1ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com