Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPPS-27-XE-R3-CDFB Datasheet(PDF) 3 Page - Source Photonics, Inc.

Part # SPPS-27-XE-R3-CDFB
Description  Sleep Mode for Power Consumption
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPPS-27-XE-R3-CDFB Datasheet(HTML) 3 Page - Source Photonics, Inc.

  SPPS-27-XE-R3-CDFB Datasheet HTML 1Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 2Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 3Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 4Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 5Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 6Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 7Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 8Page - Source Photonics, Inc. SPPS-27-XE-R3-CDFB Datasheet HTML 9Page - Source Photonics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
SPPS-27-XE-R3-CDFB
DS-6306 Rev 09 2012-09-19
Average Launch Power
POUT
4
9
dBm
1
Average Launch Power-OFF Transmitter
POFF
-45
dBm
1
Extinction Ratio
EX
6
dB
2
Total Jitter
TJ
0.35
UI
2
Rise/Fall Time (20%-80%)
TR/TF
65
ps
2,3
Burst Turn On Time
TBURST-ON
100
ns
4
Burst Turn Off Time
TBURST-OFF
100
ns
Burst Enable Duration
TEN-DUR
600
ns
Burst Disable Duration
TDIS-DUR
512
ns
RIN15OMA
-128
dB/Hz
Optical Return Loss Tolerance
15
dB
Transmitter Reflectance
-10
dB
Optical Eye Mask
Compliant With IEEE Std 802.3av-2009
2,5
Receiver
Operating Wavelength
λC
1575
1577
1580
nm
Sensitivity
PSEN1
-24
dBm
6
Sensitivity
PSEN2
-28
Saturation
PSAT
-8
dBm
Receiver Total Jitter
TJ
-
-
±
0.35
UI
Receiver Deterministic Jitter
DJ
-
-
±
0.21
UI
Loss of Signal Deassert Level
PLOSD
-
-
-29
dBm
7
Loss of Signal Assert Level
PLOSA
-40
dBm
8
LOS Hysteresis
PLOSD- PLOSA
0.5
6
dB
Receiver Reflectance
-12
dB
WDM Filter Isolation
ISO(1550)
38
dB
1550
ISO(1650)
35
dB
1650
Notes:
1.
The optical power is launched into 9/125um SMF.
2.
Measured with PRBS 2
31-1 test pattern @10.3125Gbps.
3.
Measured with the Bessel-Thompson filter OFF.
4.
Refer to timing Parameter Definition in Burst Mode Sequence
5.
Transmitter eye mask definition {0.25,0.40,0.45,0.25,0.28,0.40}
6.
Measured with a PRBS 2
31-1 test pattern @10.3125Gbps and ER=6dB, BER ≤10-10 or Measured
with a PRBS 2
31-1 test pattern @10.3125Gbps and ER=6dB, BER ≤10-3
7. An increase in optical power above the specified level will cause Los of Signal (LOS) output to switch
from a low state to a high state.
8. A decrease in optical power below the specified level will cause Los of Signal (LOS) output to switch
from a high state to a low state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com