Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7183QUSCD3 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE7183QUSCD3
Description  3 Phase Driver IC Automotive Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7183QUSCD3 Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE7183QUSCD3 Datasheet HTML 1Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 2Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 3Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 4Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 5Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 6Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 7Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 8Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
PG-TQFP-48
Data Sheet
3
Rev. 1.1, 2016-01-28
3 Phase Driver IC
TLE7183QU
Option
Typ. SCD level
Marking
Availability
SCD1
0.5V
TLE7183QU SCD1
please contact Infineon
SCD2
0.75V
TLE7183QU SCD2
available
SCD3
1V
TLE7183QU SCD3
please contact Infineon
SCD4
1.5V
TLE7183QU SCD4
please contact Infineon
SCD5
2.0V
TLE7183QU SCD5
available
1Overview
Features
Compatible with very low ohmic normal level input N-Channel
MOSFETs
Separate input for each MOSFET
PWM frequency up to 30kHz
Fulfils specification down to 5.5V supply voltage
Optimized Electromagnetic Compatibility (EMC)
TQFP-48 package with exposed heat slug
Control inputs with TTL characteristics
Separate source connection for each MOSFET
Integrated minimum dead time
Shoot through protection
Short circuit protection with 5 fixed detection levels available
Disable and sleep mode features
2-bit error diagnosis
Thermal overload warning for driver IC
Integrated overcurrent warning
Integrated current sense amplifier
0 to 100% duty cycle
Green Product (RoHS compliant)
AEC Qualified
Description
The TLE7183QU driver IC is designed to control 6 to 12 external MOSFETs forming the converter for high current
3 phase motor drives in the automotive sector. It includes features like short circuit detection, 2-bit error diagnosis
and high output performance. It meets the typical requirements of automotive applications, e.g. full functionality
even at low battery voltages. Its 3 high side and 3 low side output stages are powerful enough to drive MOSFETs
with a gate charge of 400 nC with rise and fall times of approximately 150 ns.
Typical applications are cooling fan, water pump, electro-hydraulic and electric power steering. The TLE7183QU
is designed for a 12 V power net.
Several options are available for the fixed short circuit detection level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com