Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7183QUSCD3 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # TLE7183QUSCD3
Description  3 Phase Driver IC Automotive Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7183QUSCD3 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button TLE7183QUSCD3 Datasheet HTML 11Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 12Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 13Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 14Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 15Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 16Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 17Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 18Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Data Sheet
15
Rev. 1.1, 2016-01-28
TLE7183QU
Description and Electrical Characteristics
5.1.34
Absolute Input Propagation Time
Difference (all channels High off -
Low on)
t
P(ahfln)
–
–
150
ns
C=22nF; RLoad=1Ω
5.1.35
Absolute Input Propagation Time
Difference (all channels Low off -
High on)
t
P(alfhn)
–
–
150
ns
C=22nF; RLoad=1Ω
5.1.36
Wake Up Time; INH Low to High
t
INH_Pen
–
–
20
ms
Driver fully
functional;
Vs=6.5...8V;
ENAx=low;
CPx=CBx=4.7µF
5.1.37
Wake Up Time; INH Low to High
t
INH_Pen
–
–
10
ms
Driver fully
functional;
VS=8..20V;
ENAx=low;
CPx=CBx=4.7µF;
5.1.38
Wake Up Time Logic Functions;
INH Low to High
t
INH_log
–
–
10
ms
diagnostic, OpAmp
working;
Vs=6.5...8V;
ENAx=low;
CPx=CBx=4.7µF
5.1.39
Wake Up Time Logic Functions;
INH Low to High
t
INH_log
–
–
5
ms
diagnostic, OpAmp
working;
VS=8..20V;
ENAx=low;
CPx=CBx=4.7µF
5.1.40
INH Propagation Time to Disable
the Output Stages
t
INH_P(O)
–
–
10
µs
Vs=5.5..8V
5.1.41
INH Propagation Time to Disable
the Output Stages
t
INH_P(O)
–
–8µs
Vs=8..20V
5.1.42
INH Propagation Time to Disable
the entire Driver IC
t
INH_P(IC)
––
300
µs
–
5.1.43
Supply Voltage Vs for Wake Up
V
VsWU
6.5
–
–
V
diagnostic, OpAmp
working;
5.1.44
Charge Pump Frequency
f
CP
38
55
72
kHz
–
Electrical Characteristics MOSFET drivers - Dynamic Characteristics
V
S = 5.5 to 20V, Tj = -40 to +150°C, fPWM < 25kHz, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com