Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7183QUSCD3 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE7183QUSCD3
Description  3 Phase Driver IC Automotive Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7183QUSCD3 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE7183QUSCD3 Datasheet HTML 13Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 14Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 15Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 16Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 17Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 18Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 19Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 20Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Data Sheet
17
Rev. 1.1, 2016-01-28
TLE7183QU
If the voltage of a charge pump buffer capacitors CBx reaches the undervoltage shut down level for a minimum
specified filter time, the gate-source voltage of all external MOSFETs will be actively pulled to low. In this situation
the short circuit detection of this output stage is deactivated to avoid a latching shut down of the driver.
If the charge pump buffer voltage recovers, the status of the output stages will match the input patterns again. This
allows an operation of the motor in case of undervoltage shut down without a reset by the µC.
Undervoltage shut down will not occur if VS > 6 V, QG < 250 nC, fPWM < 25 kHz, and the charge pump capacitors
CPx, CBx = 4.7 µF.
5.2.5
Overvoltage Shutdown
The TLE7183QU has an integrated overvoltage shut down to avoid destruction of the IC at high supply voltages.
The voltages at the pins Vs and VDH are monitored. The external MOSFETs will be switched off if one or both of
them exceed the overvoltage shut down level for more than the specified filter time. In addition, the overvoltage
condition will lead to a shut down of the charge pumps and a discharge of the charge pump capacitors. This results
in an undervoltage condition which will be indicated at the ERRx pins. During overvoltage shut down the external
MOSFETs and the charge pumps remain off until a reset is performed.
5.2.6
Overtemperature Warning
If the junction temperature is exceeding typ. 170°C, an overtemperature warning is reported at the ERRx pins.
However the driver IC will continue to operate in order not to disturb the application.
This warning is self-clearing and will be cleared if the junction temperature cools down again. It is up to the user
to protect the device from overtemperature destruction.
5.2.7
ERRx pins
The TLE7183QU has two status pins to provide diagnostic feedback to a µC. The outputs of these pins are 5V
push pull stages which are either high or low. Table 2 contains an overview. Some errors require a full reset of the
driver using one of the ENAx pins to return to normal operation. Please see Table 3 for details.
If multiple errors occur at the same time, only the one with the highest priority listed in Table 4 is reported. If the
device is disabled using one of the ENAx pins, only the errors Undervoltage and Overtemperature Warning are
reported. Other errors are not reported.
Table 2
Overview of Error Conditions
Table 3
Behavior at different Error Conditions
Note: Errors do NOT lead to sleep mode. Sleep mode is only initiated with the INH pin. The latch and restart
behavior allows to distinguish between the different combined error types reported at the ERRx pins.
ERR1
ERR2
Driver conditions
Low
Low
no errors
High
Low
Overtemperature Warning or Overvoltage Shut Down
High
High
Undervoltage Shut Down
Low
High
Short Circuit Detection or Overcurrent Warning
Error condition
restart behavior
Shuts down...
Short Circuit Detection
Latch, reset must be performed at ENAx pin All external Power -MOSFETs
Overcurrent Warning
Self clearing
Nothing
Undervoltage Shut Down Auto restart
All external Power -MOSFETs
Overvoltage Shut Down
Latch, reset must be performed at ENAx pin All external Power -MOSFETs
Overtemperature Warning Self clearing
Nothing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com