Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7183QUSCD3 Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # TLE7183QUSCD3
Description  3 Phase Driver IC Automotive Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7183QUSCD3 Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button TLE7183QUSCD3 Datasheet HTML 20Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 21Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 22Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 23Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 24Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 25Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 26Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 27Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 28Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
TLE7183QU
Application Description
Data Sheet
24
Rev. 1.1, 2016-01-28
6
Application Description
In the automotive sector there are more and more applications requiring high performance motor drives, such as
electro-hydraulic or electric power steering. In these applications 3 phase motors, synchronous and
asynchronous, are used, combining high output performance, low space requirements and high reliability.
Figure 6
Application Circuit
Note: This is a very simplified example of an application circuit. The function must be verified in the real application.
SH1
VBAT=12V
µC
or
digital
ASIC
GH1
SH2
GH2
GL1
GL2
VS
IL1
___
IH1
CVS
4.7µF
RVS
10
Ω
GND
SL1
SH3
GH3
SL2
GL3
SL3
IL2
___
IH2
IL3
___
IH3
GND
VDH
TLE7183QU
P-GND
ERR1
ERR2
CH1
CL1
CCP1
4.7µF
CB1
CCB1
4.7µF
CH2
CL2
CCP2
4.7µF
CB2
CCB2
4.7µF
VRO
ISP
ISN
VRI
VTHOC
VO
Shunt
RS
RS
Rfb
Rfb
V_fb
W_fb
U_fb
5V
5V
ADC
___
INH
ENA2
DT
RDT
AGND
TP
ENA1
to sub µC or
ASIC
RVdh
RG
RG
RG
RG
RG
RG
CB
1000µF
CB
1000µF
CB
1000µF
CC
1µF
CC
1µF
CC
1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com