Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7183QUSCD3 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE7183QUSCD3
Description  3 Phase Driver IC Automotive Power
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7183QUSCD3 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE7183QUSCD3 Datasheet HTML 7Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 8Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 9Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 10Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 11Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 12Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 13Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 14Page - Infineon Technologies AG TLE7183QUSCD3 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
11
Rev. 1.1, 2016-01-28
TLE7183QU
Description and Electrical Characteristics
5
Description and Electrical Characteristics
5.1
MOSFET Driver
5.1.1
Output Stages
The six powerful push-pull output stages of the TLE7183QU are floating blocks, each one of them with its own
source pin which can be directly connected to the source pin of an external MOSFET. This enables a perfect
control of each MOSFET’s gate-source voltage even if a current of 200A is driven in the bridge.
All output stages have the same high output power. A single output stage is able to drive a single MOSFET with
400nC gate charge (or two MOSFETs with 200nC) achieving rise and fall times of approx. 150ns.
They can be switched with a frequency of up to 30kHz. The usability at higher frequencies is limited by the
maximum allowed power dissipation, the max. junction temperature and the limited current capabilities of the
charge pump.
Each output stage has its own short circuit detection block. Please see Chapter 5.2.1 for short circuit detection
details.
Figure 3
Block Diagram of Driver Ouput Stages including Short Circuit Detection
CB2
GHx
SHx
VDH
VSCP
+
-
Level
shifter
Floating HS driver 3x
GLx
SLx
VSCP
+
-
Level
shifter
Floating LS driver 3x
CB1
Charge Pump 1
Charge Pump 2
CB2
CB1
CL2 CH2
CH1
CL1
Undervoltage lock out
___
INH
VS
Error logic
Reset
Power On Reset
Undervoltage
Overvoltage
Overtemperature
Short circuit
Over-current
ERR1
ERR2
ENA1
short circuit filter
SCD
SCD
SCD
Input Logic
Shoot Through
Protection
Dead Time
lock /
unlock
___
IH1
IL1
___
IH2
IL2
___
IH3
IL3
ON / OFF
ON / OFF
UVLO
GND
DT
Short Circuit
Detection Level
ENA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com